Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
6.1.2 Using Internal DC-DC converter
LPC55xx
VSS_PMU
External power supply
VSS_DCDC
C4
47 pF
C3
100 nF
C2
22 µF
C1
22 µF
L1
4.7 µH
VDD_PMU
VBAT_PMU
VBAT_DCDC
FB
LX
Figure 6. Using internal DC-DC converter
7 Functional description
7.1 Architectural overview
The Arm Cortex M33 includes two AHB-Lite buses, one system bus and one code and bus. The Code AHB (C-
AHB) interface is used for any instruction fetch and data access to the Code region of the ARMv8-M memory
map ([0x00000000 - 0x1FFFFFFF]). The System AHB (S-AHB) interface is used for instruction fetch and data
access to all other regions of the ARMv8-M memory map ([0x20000000 - 0xFFFFFFFF]).
The LPC55S2x/LPC552x uses a multi-layer AHB matrix to connect the ARM Cortex-M33 buses and other
bus masters to peripherals in a flexible manner that optimizes performance by allowing peripherals that are
on different slave ports of the matrix to be accessed simultaneously by different bus masters. Figure 5 shows
details of the available matrix connections.
7.2 Arm Cortex-M33 processor
The ARM Cortex-M33 is based on the ARMv8-M architecture that offers systems enhancements, such as
single-cycle digital signal processing, low power consumption, enhanced debug features, and a high level
of support block integration. The ARM Cortex-M33 CPU employs a 7-stage instruction pipe and includes an
internal prefetch unit that supports speculative branching. A hardware floating-point processor is integrated
into the core. On the LPC55S2x/LPC552x, the Cortex-M33 is augmented with two hardware co-processors
providing accelerated support for additional DSP algorithms and cryptography.
7.3 Arm Cortex-M33 integrated Floating Point Unit (FPU)
The FPU fully supports single-precision add, subtract, multiply, divide, multiply and accumulate, and square root
operations. It also provides conversions between fixed-point and floating-point data formats, and floating-point
constant instructions.
The FPU provides floating-point computation functionality that is compliant with the ANSI/IEEE Std 754-2008,
IEEE Standard for Binary Floating-Point Arithmetic, referred to as the IEEE 754 standard.
7.4 Memory Protection Unit (MPU)
The Cortex-M33 includes a Memory Protection Unit (MPU) which can be used to improve the reliability of an
embedded system by protecting critical data within the user application.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
46 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com