Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors LPC55S2X Datasheet HTML 51Page - NXP Semiconductors LPC55S2X Datasheet HTML 52Page - NXP Semiconductors LPC55S2X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
AHB
port
Start address
End address
Function [1]
0x0000 0000
0x0007 FFFF
Flash memory, on CM33 code bus.
0
0x0300 0000
0x0301 FFFF
Boot ROM, on CM33 code bus.
1
0x0400 0000
0x0400 7FFF
SRAM X on CM33 code bus, 32 KB. SRAMX_0 (0x1400 0000 to
0x1400 0FFF) and SRAMX_1 (0x1400 4000 to 0x1400 4FFF) are used
for Casper (total 8 KB). If CPU retention used in power-down mode,
SRAMX_2 (0x1400 6000 to 0x1400 65FF) is used (total 1.5 KB) by
default in power API and this is user configurable within SRAMX_2 and
SRAMX_3.
2
0x2000 0000
0x2000 FFFF
SRAM 0 on CM33 data bus, 64 KB.
3
0x2001 0000
0x2001 FFFF
SRAM 1 on CM33 data bus, 64 KB.
4
0x2002 0000
0x2002 FFFF
SRAM 2 on CM33 data bus, 64 KB.
5
0x2003 0000
0x2003 FFFF
Reserved
6
0x2004 0000
0x2004 3FFF
SRAM 4 on CM33 data bus, 16 KB.
0x4000 0000
0x4001 FFFF
AHB to APB bridge 0. See Section 7.16.
7
0x4002 0000
0x4003 FFFF
AHB to APB bridge 1. See Section 7.16.
8
0x4008 0000
0x4008 FFFF
AHB peripherals. See Section 7.17.
9
0x4009 0000
0x4009 FFFF
AHB peripherals. See Section 7.17.
10
0x400A 0000
0x400A FFFF
AHB peripherals. See Section 7.17.
11
0x4010 0000
0x4010 FFFF
AHB peripherals. See Section 7.17.
Table 5. Memory map overview
[1]
Gaps between AHB matrix slave ports are not shown.
7.16 APB peripherals
Table 6 provides details of the addresses for APB peripherals. APB peripherals have both secure and non-
secure access possibilities.
APB
bridge
Non-secure
base address
Secure
base address
Peripheral
0x4000 0000 0x5000 0000 Syscon.
0x4000 1000 0x5000 1000 IOCON. Pin function selection and pin control setup.
0x4000 2000 0x5000 2000 Group GPIO input interrupt 0 (GINT0)
0x4000 3000 0x5000 3000 Group GPIO input interrupt 1 (GINT1)
0x4000 4000 0x5000 4000 Pin interrupt and pattern match (PINT)
0x4000 5000 0x5000 5000 Secure pin interrupt and pattern match.
0x4000 6000 0x5000 6000 Input multiplexing 0 and frequency measure.
0x4000 7000 0x5000 7000 Reserved.
0x4000 8000 0x5000 8000 CT32B0 (standard counter/timer 0).
0x4000 9000 0x5000 9000 CT32B1 (standard counter/timer 1).
0
0x4000 C000 0x5000 C000 WWDT0 (windowed watchdog timer 0).
Table 6. APB peripherals memory map
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
49 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com