Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 93Page - NXP Semiconductors LPC55S2X Datasheet HTML 94Page - NXP Semiconductors LPC55S2X Datasheet HTML 95Page - NXP Semiconductors LPC55S2X Datasheet HTML 96Page - NXP Semiconductors LPC55S2X Datasheet HTML 97Page - NXP Semiconductors LPC55S2X Datasheet HTML 98Page - NXP Semiconductors LPC55S2X Datasheet HTML 99Page - NXP Semiconductors LPC55S2X Datasheet HTML 100Page - NXP Semiconductors LPC55S2X Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Tamb = -40 °C to +105 °C
Min
Typ
Max
Unit
Fast Input Channels
PIO0_16/PIO0_23
-
1
2
kΩ
PIO0_11/PIO0_10
-
1
2
kΩ
PIO0_12/PIO0_15
-
1
2
kΩ
PIO1_0/PIO0_31
-
1
2
kΩ
Standard Input Channels
PIO1_9/PIO1_8
-
1.4
3.6
kΩ
Table 42. ADC input resistance...continued
Figure 25. Comparator Hysteresis
12.3 Temperature sensor
The ADC has a dedicated input channel for an on-chip temperate sensor that is mapped on channel 26.
VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DTsen
sensor temperature
accuracy
Tamb = -40 °C to +105 °C
[1] -
-
4
°C
ts(pu)
power-up settling
time
[2] -
5
-
μs
Table 43. Temperature sensor static and dynamic characteristics
[1]
Absolute temperature accuracy. Based on characterization, not tested in production.
[2]
Typical values are derived from nominal simulation
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
97 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com