Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 223 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 223 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 219Page - PMC-Sierra, Inc PM7367 Datasheet HTML 220Page - PMC-Sierra, Inc PM7367 Datasheet HTML 221Page - PMC-Sierra, Inc PM7367 Datasheet HTML 222Page - PMC-Sierra, Inc PM7367 Datasheet HTML 223Page - PMC-Sierra, Inc PM7367 Datasheet HTML 224Page - PMC-Sierra, Inc PM7367 Datasheet HTML 225Page - PMC-Sierra, Inc PM7367 Datasheet HTML 226Page - PMC-Sierra, Inc PM7367 Datasheet HTML 227Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
209
FLEN[8:0]:
The indirect FIFO length (FLEN[8:0]) is the number of blocks, less one, that is
provisioned to the circular channel FIFO specified by the FPTR[8:0] block
pointer. The FIFO length to be written to the channel provision RAM, in an
indirect channel write operation, must be set up in this register before
triggering the write.
DFCS:
The diagnose frame check sequence bit (DFCS) controls the inversion of the
FCS field inserted into the transmit packet. The value of DFCS to be written
to the channel provision RAM, in an indirect channel write operation, must be
set up in this register before triggering the write. When DFCS is set to one,
the FCS field in the outgoing HDLC stream is logically inverted allowing
diagnosis of downstream FCS verification logic. The outgoing FCS field is
not inverted when DFCS is set to zero. DFCS reflects the value written until
the completion of a subsequent indirect channel read operation.
INVERT:
The HDLC data inversion bit (INVERT) configures the HDLC processor to
logically invert the outgoing HDLC stream. The value of INVERT to be written
to the channel provision RAM, in an indirect channel write operation, must be
set up in this register before triggering the write. When INVERT is set to one,
the outgoing HDLC stream is logically inverted. The outgoing HDLC stream
is not inverted when INVERT is set to zero. INVERT reflects the value written
until the completion of a subsequent indirect channel read operation.
PRIORITYB:
The active low channel FIFO expedite enable bit (PRIORITYB) informs the
partial packet processor of the priority of the channel relative to other
channels when requesting data from the DMA port. The value of PRIORITYB
to be written to the channel provision RAM, in an indirect channel write
operation, must be set up in this register before triggering the write. Channel
FIFOs with PRIORITYB set to one are inhibited from making expedited
requests for data to the TMAC. When PRIORITYB is set to zero, both normal
and expedited requests can be made to the TMAC. Channels with HDLC
data rate to FIFO size ratio that is significantly lower than other channels
should have PRIORITYB set to one. PRIORITYB reflects the value written
until the completion of a subsequent indirect channel read operation.
7BIT:
The least significant stuff enable bit (7BIT) configures the HDLC processor to
stuff the least significant bit of each octet in the corresponding transmit link
(TD[n]). The value of 7BIT to be written to the channel provision RAM, in an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com