Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 226 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 226 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 222Page - PMC-Sierra, Inc PM7367 Datasheet HTML 223Page - PMC-Sierra, Inc PM7367 Datasheet HTML 224Page - PMC-Sierra, Inc PM7367 Datasheet HTML 225Page - PMC-Sierra, Inc PM7367 Datasheet HTML 226Page - PMC-Sierra, Inc PM7367 Datasheet HTML 227Page - PMC-Sierra, Inc PM7367 Datasheet HTML 228Page - PMC-Sierra, Inc PM7367 Datasheet HTML 229Page - PMC-Sierra, Inc PM7367 Datasheet HTML 230Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
212
XFER[2:0]:
The indirect channel transfer size (XFER[2:0]) specifies the amount of data
the partial packet processor requests from the TMAC block. The channel
transfer size to be written to the channel provision RAM, in an indirect write
operation, must be set up in this register before triggering the write. When
the channel FIFO free space reaches or exceeds the limit specified by
XFER[2:0], the partial packet processor will make a request for data to the
TMAC to retrieve the XFER[2:0] + 1 blocks of data. FIFO free space and
transfer size are measured in the number of 16-byte blocks. XFER[2:0]
reflects the value written until the completion of a subsequent indirect channel
read operation.
To prevent lockup, the channel transfer size (XFER[2:0]) can be configured to
be less than or equal to the start transmission level set by LEVEL[3:0] and
TRANS. Alternatively, the channel transfer size can be set, such that, the
total number of blocks in the logical channel FIFO minus the start
transmission level is an integer multiple of the channel transfer size.
The case of a single block transfer size is a special. When BURSTEN is set
high and XFER[2:0] = 'b000, the transfer size is variable. The THDL will
request the TMAC to transfer as much data as there is free space in the
FIFO, up to a maximum set by BURST[2:0].
FLAG[2:0]:
The flag insertion control (FLAG[2:0]) configures the minimum number of
flags or bytes of idle bits the HDLC processor inserts between HDLC packets.
The value of FLAG[2:0] to be written to the channel provision RAM, in an
indirect channel write operation, must be set up in this register before
triggering the write. The minimum number of flags or bytes of idle (8 bits of
1's) inserted between HDLC packets is shown in the table below. FLAG[2:0]
reflects the value written until the completion of a subsequent indirect channel
read operation.
Table 23 – FLAG[2:0] Settings
FLAG[2:0]
Minimum Number of Flag/Idle Bytes
000
1 flag / 0 Idle byte
001
2 flags / 0 idle byte
010
4 flags / 2 idle bytes
011
8 flags / 6 idle bytes
100
16 flags / 14 idle bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com