Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 228 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 228 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 224Page - PMC-Sierra, Inc PM7367 Datasheet HTML 225Page - PMC-Sierra, Inc PM7367 Datasheet HTML 226Page - PMC-Sierra, Inc PM7367 Datasheet HTML 227Page - PMC-Sierra, Inc PM7367 Datasheet HTML 228Page - PMC-Sierra, Inc PM7367 Datasheet HTML 229Page - PMC-Sierra, Inc PM7367 Datasheet HTML 230Page - PMC-Sierra, Inc PM7367 Datasheet HTML 231Page - PMC-Sierra, Inc PM7367 Datasheet HTML 232Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
214
The HDLC processor starts transmitting a packet when the channel FIFO free
space is less than or equal to the level specified in the appropriate Start
Transmission Level column of the following table or when an end of a packet
is stored in the channel FIFO. When the channel FIFO free space is greater
than the level specified in the Expedite Trigger Level column of the following
table and the HDLC processor is transmitting a packet and an end of a
packet is not stored in the channel FIFO, the partial packet buffer makes
expedited requests to the TMAC to retrieve XFER[2:0] + 1 blocks of data.
To prevent lockup, the channel transfer size (XFER[2:0]) can be configured to
be less than or equal to the start transmission level set by LEVEL[3:0] and
TRANS. Alternatively, the channel transfer size can be set, such that, the
total number of blocks in the logical channel FIFO minus the start
transmission level is an integer multiple of the channel transfer size.
Table 24 – Level[3:0]/TRANS Settings
LEVEL[3:0]
Expedite
Trigger Level
Start
Transmission
Level (TRANS=0)
Start Transmission
Level (TRANS=1)
0000
2 Blocks
(32 bytes free)
1 Block
(16 bytes free)
1 Block
(16 bytes free)
0001
3 Blocks
(48 bytes free)
2 Blocks
(32 bytes free)
1 Block
(16 bytes free)
0010
4 Blocks
(64 bytes free)
3 Blocks
(48 bytes free)
2 Blocks
(32 bytes free)
0011
6 Blocks
(96 bytes free)
4 Blocks
(64 bytes free)
3 Blocks
(48 bytes free)
0100
8 Blocks
(128 bytes free)
6 Blocks
(96 bytes free)
4 Blocks
(64 bytes free)
0101
12 Blocks
(192 bytes free)
8 Blocks
(128 bytes free)
6 Blocks
(96 bytes free)
0110
16 Blocks
(256 bytes free)
12 Blocks
(192 bytes free)
8 Blocks
(128 bytes free)
0111
24 Blocks
(384 bytes free)
16 Blocks
(256 bytes free)
12 Blocks
(192 bytes free)
1000
32 Blocks
(512 bytes free)
24 Blocks
(384 bytes free)
16 Blocks
(256 bytes free)
1001
48 Blocks
(768 bytes free)
32 Blocks
(512 bytes free)
24 Blocks
(384 bytes free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com