Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 235 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 235 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 231Page - PMC-Sierra, Inc PM7367 Datasheet HTML 232Page - PMC-Sierra, Inc PM7367 Datasheet HTML 233Page - PMC-Sierra, Inc PM7367 Datasheet HTML 234Page - PMC-Sierra, Inc PM7367 Datasheet HTML 235Page - PMC-Sierra, Inc PM7367 Datasheet HTML 236Page - PMC-Sierra, Inc PM7367 Datasheet HTML 237Page - PMC-Sierra, Inc PM7367 Datasheet HTML 238Page - PMC-Sierra, Inc PM7367 Datasheet HTML 239Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
221
whose channel transfer size is set to one block (XFER[2:0] = 'b000).
BURST[2:0] has no effect when BURSTEN is set low, nor on channels
configured with other transfer sizes. BURST[2:0] defines the maximum
number of 16 byte blocks, less one, that is transferred in each DMA
transaction. Thus, the minimum number of blocks is one (16 bytes) and the
maximum is eight (128 bytes).
BURSTEN:
The burst length enable bit (BURSTEN) controls the use of BURST[2:0] in
determining the amount of data requested in a single DMA transaction for
channels whose channel transfer size is set to one block (XFER[2:0] = 'b000).
BURSTEN has no effect on channels configured with other transfer sizes.
When BURSTEN is set high, the maximum size of DMA transfer is limited by
BURST[2:0]. The transmit HDLC processor may combine several channel
transfer size amounts into a single transaction. When BURSTEN is set low,
the amount of data in a DMA transfer is limited to one block.
TSTD:
The telecom standard bit (TSTD) controls the bit ordering of the HDLC data
transferred from the PCI host. When TSTD is set low, the least significant bit
of the each byte on the PCI bus (AD[0], AD[8], AD[16] and AD[24]) is the first
HDLC bit transmitted and the most significant bit of each byte (AD[7], AD[15],
AD[23] and AD[31]) is the last HDLC bit transmitted (datacom standard).
When TSTD is set high, AD[0], AD[8], AD[16] and AD[24] are the last HDLC
bit transmitted and AD[7], AD[15], AD[23] and AD[31] are the first HDLC bit
transmitted (telecom standard).
BIT8:
The least significant stuff control bit (BIT8) carries the value placed in the
least significant bit of each octet when the HDLC processor is configured
(7BIT set high) to stuff the least significant bit of each octet in the
corresponding transmit link (TD[n]). When BIT8 is set high, the least
significant bit (last bit of each octet transmitted) is forced high. When BIT8 is
set low, the least significant bit is forced low. BIT8 is ignored when 7BIT is set
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com