Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 237 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 237 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 233Page - PMC-Sierra, Inc PM7367 Datasheet HTML 234Page - PMC-Sierra, Inc PM7367 Datasheet HTML 235Page - PMC-Sierra, Inc PM7367 Datasheet HTML 236Page - PMC-Sierra, Inc PM7367 Datasheet HTML 237Page - PMC-Sierra, Inc PM7367 Datasheet HTML 238Page - PMC-Sierra, Inc PM7367 Datasheet HTML 239Page - PMC-Sierra, Inc PM7367 Datasheet HTML 240Page - PMC-Sierra, Inc PM7367 Datasheet HTML 241Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
223
TSLOT[4:0]:
The indirect time-slot number bits (TSLOT[4:0]) indicate the time-slot to be
configured or interrogated in the indirect access. For a channelised T1 link,
time-slots 1 to 24 are valid. For a channelised E1 link, time-slots 1 to 31 are
valid. For unchannelised links, only time-slot 0 is valid.
LINK[4:0]:
The indirect link number bits (LINK[4:0]) select amongst the 32 transmit links
to be configured or interrogated in the indirect access.
RWB:
The indirect access control bit (RWB) selects between a configure (write) or
interrogate (read) access to the transmit channel provision RAM. The
address to the transmit channel provision RAM is constructed by
concatenating the TSLOT[4:0] and LINK[4:0] bits. Writing a logic zero to
RWB triggers an indirect write operation. Data to be written is taken from the
PROV and the CHAN[4:0] bits of the Indirect Data register. Writing a logic
one to RWB triggers an indirect read operation. Addressing of the RAM is the
same as in an indirect write operation. The data read can be found in the
PROV and the CHAN[4:0] bits of the Indirect Channel Data register.
BUSY:
The indirect access status bit (BUSY) reports the progress of an indirect
access. BUSY is set high when this register is written to trigger an indirect
access, and will stay high until the access is complete. At which point, BUSY
will be set low. This register should be polled to determine when data from an
indirect read operation is available in the TCAS Indirect Channel Data register
or to determine when a new indirect write operation may commence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com