Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 253 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 253 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 249Page - PMC-Sierra, Inc PM7367 Datasheet HTML 250Page - PMC-Sierra, Inc PM7367 Datasheet HTML 251Page - PMC-Sierra, Inc PM7367 Datasheet HTML 252Page - PMC-Sierra, Inc PM7367 Datasheet HTML 253Page - PMC-Sierra, Inc PM7367 Datasheet HTML 254Page - PMC-Sierra, Inc PM7367 Datasheet HTML 255Page - PMC-Sierra, Inc PM7367 Datasheet HTML 256Page - PMC-Sierra, Inc PM7367 Datasheet HTML 257Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
239
CEN:
The channelise enable bit (CEN) configures the corresponding transmit link
for channelised operation. TCLK[n] is held quiescent during the T1 framing
bit or the E1 framing byte. Thus, on the first rising edge of TCLK[n] after the
extended quiescent period, a downstream device can sample the m.s.b. of
time-slot 1. When CEN is set low, the corresponding link is unchannelised
and the E1 register bit is ignored. TCLK[n] is gapped during non-data bytes.
All data bits are treated as a contiguous stream with arbitrary byte alignment.
E1:
The E1 frame structure select bit (E1) configures the corresponding link for
channelised E1 operation when CEN is set high. TCLK[n] is held quiescent
during the FAS and NFAS framing bytes. The most significant bit of time-slot
1 is placed on TD[n] on the last falling edge of TCLK[n] ahead of the
extended quiescent period. Link data is present at time-slots 1 to 31. When
E1 is set low and CEN is set high, the corresponding link is configured for
channelised T1 operation. TCLK[n] is held quiescent during the framing bit.
The m.s.b. of time-slot 1 is placed on TD[n] on the last falling edge of
TCLK[n] ahead of the extended low period. Link data is present at time-slots
1 to 24. E1 is ignored when CEN is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com