Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 255 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 255 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 251Page - PMC-Sierra, Inc PM7367 Datasheet HTML 252Page - PMC-Sierra, Inc PM7367 Datasheet HTML 253Page - PMC-Sierra, Inc PM7367 Datasheet HTML 254Page - PMC-Sierra, Inc PM7367 Datasheet HTML 255Page - PMC-Sierra, Inc PM7367 Datasheet HTML 256Page - PMC-Sierra, Inc PM7367 Datasheet HTML 257Page - PMC-Sierra, Inc PM7367 Datasheet HTML 258Page - PMC-Sierra, Inc PM7367 Datasheet HTML 259Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
241
OFDET:
The overflow detect bit (OFDET) indicates the status of the PMON Receive
FIFO Overflow Count register. OFDET is set high when overflow events have
occurred during the latest PMON accumulation interval. OFDET is set low if
no overflow events are detected.
UFDET:
The underflow detect bit (UFDET) indicates the status of the PMON Transmit
FIFO Underflow Count register. UFDET is set high when underflow events
have occurred during the latest PMON accumulation interval. UFDET is set
low if no underflow events are detected.
C1DET:
The configurable event #1 detect bit (C1DET) indicates the status of the
PMON Configurable Count #1 register. C1DET is set high when selected
events have occurred during the latest PMON accumulation interval. C1DET
is set low if no selected events are detected.
C2DET:
The configurable event #2 detect bit (C2DET) indicates the status of the
PMON Configurable Count #2 register. C2DET is set high when selected
events have occurred during the latest PMON accumulation interval. C2DET
is set low if no selected events are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com