Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 264 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 264 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 260Page - PMC-Sierra, Inc PM7367 Datasheet HTML 261Page - PMC-Sierra, Inc PM7367 Datasheet HTML 262Page - PMC-Sierra, Inc PM7367 Datasheet HTML 263Page - PMC-Sierra, Inc PM7367 Datasheet HTML 264Page - PMC-Sierra, Inc PM7367 Datasheet HTML 265Page - PMC-Sierra, Inc PM7367 Datasheet HTML 266Page - PMC-Sierra, Inc PM7367 Datasheet HTML 267Page - PMC-Sierra, Inc PM7367 Datasheet HTML 268Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
250
10
PCI CONFIGURATION REGISTER DESCRIPTION
PCI configuration registers are implemented by the PCI Interface. These
registers can only be accessed when the PCI Interface is a target and a
configuration cycle is in progress as indicated using the IDSEL input.
Notes on PCI Configuration Register Bits:
1. Writing values into unused register bits has no effect. However, to ensure
software compatibility with future, feature-enhanced versions of the product,
unused register bits must be written with logic zero. Reading back unused
bits can produce either a logic one or a logic zero; hence unused register bits
should be masked off by software when read.
2. Except where noted, all configuration bits that can be written into can also be
read back. This allows the processor controlling the FREEDM-32P32 to
determine the programming state of the block.
3. Writable PCI configuration register bits are cleared to logic zero upon reset
unless otherwise noted.
4. Writing into read-only PCI configuration register bit locations does not affect
FREEDM-32P32 operation unless otherwise noted.
5. Certain register bits are reserved. These bits are associated with megacell
functions that are unused in this application. To ensure that the FREEDM-
32P32 operates as intended, reserved register bits must only be written with
their default values. Similarly, writing to reserved registers should be
avoided.
10.1 PCI Configuration Registers
PCI configuration registers can only be accessed by the PCI host. For each
register description below, the hexadecimal register number indicates the PCI
offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com