Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 268 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 268 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 264Page - PMC-Sierra, Inc PM7367 Datasheet HTML 265Page - PMC-Sierra, Inc PM7367 Datasheet HTML 266Page - PMC-Sierra, Inc PM7367 Datasheet HTML 267Page - PMC-Sierra, Inc PM7367 Datasheet HTML 268Page - PMC-Sierra, Inc PM7367 Datasheet HTML 269Page - PMC-Sierra, Inc PM7367 Datasheet HTML 270Page - PMC-Sierra, Inc PM7367 Datasheet HTML 271Page - PMC-Sierra, Inc PM7367 Datasheet HTML 272Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
254
FBTBEN:
As a master, the GPIC does not generate fast back-to-back cycles to different
devices. This bit is forced low.
The upper 16-bits make up the PCI Status field. The status field tracks the status
of PCI bus related events. Reads to this register behave normally. Writes are
slightly different in that bits can be reset, but not set. A bit is reset whenever the
register is written, and the data in the corresponding bit location is a one.
FBTBE:
The FBTBE bit is hardwired to one to indicate the GPIC supports fast back-
to-back transactions with other targets.
DPR:
The Data Parity Reported (DPR) bit is set high if the GPIC is an initiator and
asserts or detects a parity error on the PERRB signal while the PERREN bit
is set in the Command register. The DPR bit is cleared by the PCI Host.
DVSLT[1:0]:
The Device Select Timing (DEVSLT) bits specify the allowable timings for the
assertion of DEVSELB by the GPIC as a target. These are encoded as 00B
for fast, 01B for medium, 10B for slow and 11B is not used. The GPIC allows
for medium timing.
TABT:
The Target Abort (TABT) bit is set high by the GPIC when as a target, it
terminates a transaction with a target abort. The TABT bit is cleared by the
PCI Host.
RTABT:
The Received Target Abort (RTABT) bit is set high by the GPIC when as an
initiator, its transaction is terminated by a target abort. The RTABT bit is
cleared by the PCI Host.
MABT:
The Master Abort (MABT) bit is set high by the GPIC when as an initiator, its
transaction is terminated by a master abort and a special cycle was not in
progress. The MABT bit is cleared by the PCI Host.
SERR:
The System Error (SERR) bit is set high whenever the GPIC asserts the
SERRB output. The SERR bit is cleared by the PCI Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com