Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 271 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 271 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 267Page - PMC-Sierra, Inc PM7367 Datasheet HTML 268Page - PMC-Sierra, Inc PM7367 Datasheet HTML 269Page - PMC-Sierra, Inc PM7367 Datasheet HTML 270Page - PMC-Sierra, Inc PM7367 Datasheet HTML 271Page - PMC-Sierra, Inc PM7367 Datasheet HTML 272Page - PMC-Sierra, Inc PM7367 Datasheet HTML 273Page - PMC-Sierra, Inc PM7367 Datasheet HTML 274Page - PMC-Sierra, Inc PM7367 Datasheet HTML 275Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
257
Register 0x0C : Cache Line Size/Latency Timer/Header Type
Bit
Type
Function
Default
Bit 31
to
Bit 24
R
Reserved
00H
Bit 23
R
MLTFNC
0
Bit 22
to
Bit 16
R
HDTYPE[6:0]
00H
Bit 15
to
Bit 8
R/W
LT[7:0]
00H
Bit 7
to
Bit 0
R/W
CLSIZE
00H
CLSIZE[7:0]:
The Cache Line Size (CLSIZE[7:0]) bits specify the size of the system
cacheline in units of dwords. The GPIC uses this value to determine the type
of read command to issue in a Master Read transfer. If the transfer size is
equal to one, the GPIC will issue a Memory Read command. If the transfer
size is equal to or less than the CLSIZE, the GPIC will issue a Memory Read
Line command. For transfers larger than CLSIZE, the GPIC issues a
Memory Read Multiple command.
LT[7:0]:
The Latency Timer (LT[7:0]) bits specify in units of the PCI clock, the value of
the Latency Timer for the GPIC. At reset the value is zero.
HDTYPE[6:0]:
The Header Type (HDTYPE[6:0]) bits specify the layout of the base address
registers. Only the 00H encoding is supported.
MLTFNC:
The Multi-Function (MLTFNC) bit specifies if the GPIC supports multiple PCI
functions. If this bit is set low, the device only supports one function and if the
bit is set high, the device supports multi-functions. The MLTFNC bit is set low
to indicate the GPIC only supports one PCI function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com