Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 274 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 274 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 270Page - PMC-Sierra, Inc PM7367 Datasheet HTML 271Page - PMC-Sierra, Inc PM7367 Datasheet HTML 272Page - PMC-Sierra, Inc PM7367 Datasheet HTML 273Page - PMC-Sierra, Inc PM7367 Datasheet HTML 274Page - PMC-Sierra, Inc PM7367 Datasheet HTML 275Page - PMC-Sierra, Inc PM7367 Datasheet HTML 276Page - PMC-Sierra, Inc PM7367 Datasheet HTML 277Page - PMC-Sierra, Inc PM7367 Datasheet HTML 278Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
260
Register 0x3C : Interrupt Line / Interrupt Pin / MIN_GNT / MAX_LAT
Bit
Type
Function
Default
Bit 31
to
Bit 24
R
MAXLAT[7:0]
0FH
Bit 23
to
Bit 16
R
MINGNT[7:0]
05H
Bit 15
to
Bit 8
R
INTPIN[7:0]
01H
Bit 7
to
Bit 0
R/W
INTLNE[7:0]
00H
INTLNE[7:0]:
The Interrupt Line (INTLNE[7:0]) field is used to indicate interrupt line routing
information. The values in this register are system specific and set by the PCI
Host.
INTPIN[7:0]:
The Interrupt Pin (INTPIN[7:0]) field is used to specify the interrupt pin the
GPIC uses. Since the GPIC will use INTAB on the PCI bus, the value in this
register is set to one.
MINGNT[7:0]:
The Minimum Grant (MINGNT[7:0]) field specifies how long of a burst period
the bus master needs (in increments of 250 nsec).
MAXLAT[7:0]:
The Maximum Latency (MAXLAT[7:0]) field specifies how often a bus master
needs access to the PCI bus (in increments of 250 nsec).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com