Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 273 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 273 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 269Page - PMC-Sierra, Inc PM7367 Datasheet HTML 270Page - PMC-Sierra, Inc PM7367 Datasheet HTML 271Page - PMC-Sierra, Inc PM7367 Datasheet HTML 272Page - PMC-Sierra, Inc PM7367 Datasheet HTML 273Page - PMC-Sierra, Inc PM7367 Datasheet HTML 274Page - PMC-Sierra, Inc PM7367 Datasheet HTML 275Page - PMC-Sierra, Inc PM7367 Datasheet HTML 276Page - PMC-Sierra, Inc PM7367 Datasheet HTML 277Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
259
BSAD[27:0]:
The Base Address (BSAD[27:0]) bits defines the size and location of the
memory space required for the CBI registers. The BSAD[27:0] bits
correspond to the most significant 28 bits of the PCI address space.
The size of the address space required can be determined by writing all ones to
Base Address register and then reading from it. By scanning the returned value
from the least significant bit upwards, the size of the required address space can
be determined. The binary weighted value of the first one bit found (after the
configuration bits) indicates the required amount of space. The BSAD[7:0] bits
are forced low to indicate that the CBI registers require 4K bytes of memory
space.
After determining the memory requirements of the CBI registers, the PCI Host
can map them to its desired location by modifying the BSAD[27:8] bits in the
Base Address register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com