Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 275 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 275 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 271Page - PMC-Sierra, Inc PM7367 Datasheet HTML 272Page - PMC-Sierra, Inc PM7367 Datasheet HTML 273Page - PMC-Sierra, Inc PM7367 Datasheet HTML 274Page - PMC-Sierra, Inc PM7367 Datasheet HTML 275Page - PMC-Sierra, Inc PM7367 Datasheet HTML 276Page - PMC-Sierra, Inc PM7367 Datasheet HTML 277Page - PMC-Sierra, Inc PM7367 Datasheet HTML 278Page - PMC-Sierra, Inc PM7367 Datasheet HTML 279Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
261
11
TEST FEATURES DESCRIPTION
The FREEDM-32P32 also supports a standard IEEE 1149.1 five signal JTAG
boundary scan test port for use in board testing. All device inputs may be read
and all device outputs may be forced via the JTAG test port.
11.1 Test Mode Registers
Test mode registers are used to apply test vectors during production testing of
the FREEDM. Production testing is enabled by asserting the PMCTEST pin.
During production tests, FREEDM-32P32 registers are selected by the TA[11:0]
pins. The address of a register on TA[11:0] is identical to the PCI offset of that
register when production testing is disabled (PMCTEST low). Read accesses
are enabled by asserting TRDB low while write accesses are enabled by
asserting TWRB low. Test mode register data is conveyed on the TDAT[15:0]
pins. Test mode registers (as opposed to normal mode registers) are selected
when TA[11]/TRS is set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com