Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 317 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 317 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 313Page - PMC-Sierra, Inc PM7367 Datasheet HTML 314Page - PMC-Sierra, Inc PM7367 Datasheet HTML 315Page - PMC-Sierra, Inc PM7367 Datasheet HTML 316Page - PMC-Sierra, Inc PM7367 Datasheet HTML 317Page - PMC-Sierra, Inc PM7367 Datasheet HTML 318Page - PMC-Sierra, Inc PM7367 Datasheet HTML 319Page - PMC-Sierra, Inc PM7367 Datasheet HTML 320Page - PMC-Sierra, Inc PM7367 Datasheet HTML 321Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
303
Table 33 – FREEDM-32P32 Link Output (Figure 40, Figure 41)
Symbol
Description
Min
Max
Units
TCLK[31:0] Frequency (See Note 4)
1.542
1.546
MHz
TCLK[31:0] Frequency (See Note 5)
2.046
2.05
MHz
TCLK[2:0] Frequency (See Note 6)
52
MHz
TCLK[31:3] Frequency (See Note 6)
10
MHz
TCLK[31:0] Duty Cycle
40
60
%
tPTD
TCLK[2:0] Low to TD[2:0] Valid
3
15
ns
tPTD
TCLK[31:3] Low to TD[31:3] Valid
5
27
ns
tPRBD
RBCLK Low to RBD Valid
-5
5
ns
Notes on Output Timing:
1. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
2. Maximum and minimum output propagation delays are measured with a 50
pF load on all the outputs, except for PCI Bus outputs and TD[2:0] outputs.
For PCI Bus outputs, maximum output propagation delays are measured with
a 50 pF load while minimum output propagation delays are measured with a
0 pF load. For TD[2:0] outputs, propagation delays are measured with a 20
pF load. Maximum propagation delay for TD[2:0] increases by 1.0 ns for
each 10 pF of extra load.
3. Output propagation delays of signal outputs that are specified in relation to a
reference output are measured with a 50 pF load on both the signal output
and the reference output.
4. Applicable only to channelised T1 links and measured between framing bits.
5. Applicable only to channelised E1 links and measured between framing bytes.
6. Applicable only to unchannelised links of any format and measured between
any two TCLK rising edges.
7. Output tri-state delay is the time in nanoseconds from the 1.4 Volt point of the
reference signal to the point where the total current delivered through the
output is less than or equal to the leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com