Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 313 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 313 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 309Page - PMC-Sierra, Inc PM7367 Datasheet HTML 310Page - PMC-Sierra, Inc PM7367 Datasheet HTML 311Page - PMC-Sierra, Inc PM7367 Datasheet HTML 312Page - PMC-Sierra, Inc PM7367 Datasheet HTML 313Page - PMC-Sierra, Inc PM7367 Datasheet HTML 314Page - PMC-Sierra, Inc PM7367 Datasheet HTML 315Page - PMC-Sierra, Inc PM7367 Datasheet HTML 316Page - PMC-Sierra, Inc PM7367 Datasheet HTML 317Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
299
15
D.C. CHARACTERISTICS
(TA = -40°C to +85°C, VDD = 3.3 V ±10%)
Table 31 – FREEDM-32P32 D.C. Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDD
Power Supply
3.0
3.3
3.6
Volts
Note 5.
VBIAS
5V Bias Supply
VDD
5.0
5.5
Volts
Note 5.
VIL
PCI Input Low
Voltage
-0.2
0.8
Volts
Guaranteed Input LOW
Voltage for PCI inputs.
VIH
PCI Input High
Voltage
2.0
VBIAS Volts
Guaranteed Input HIGH
Voltage for PCI inputs.
VOL
Output or Bi-
directional Low
Voltage
0.26
0.4
Volts
IOL = -4 mA for all outputs
except TBCLK, RBCLK,
RBD, PCICLKO,
PCIINTB, where IOL = -6
mA and TD[2:0], where
IOL = -8 mA. Notes 3, 5.
VOH
Output or Bi-
directional High
Voltage
2.4
2.52
Volts
IOH = 4 mA for all outputs
except TBCLK, RBCLK,
RBD, PCICLKO,
PCIINTB, where IOH = 6
mA and TD[2:0], where
IOH = 8 mA. Notes 3, 5.
VT+
Schmitt Triggered
Input High
Voltage
2.0
VBIAS Volts
VT-
Schmitt Triggered
Input Low Voltage
-0.2
0.8
Volts
IILPU
Input Low
Current
10
45
100
µA
VIL = GND, Notes 1, 3, 5.
IIHPU
Input High
Current
-10
0
+10
µA
VIH = VDD, Notes 1, 3
IIL
Input Low
Current
-10
0
+10
µA
VIL = GND, Notes 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com