Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 309 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 309 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 305Page - PMC-Sierra, Inc PM7367 Datasheet HTML 306Page - PMC-Sierra, Inc PM7367 Datasheet HTML 307Page - PMC-Sierra, Inc PM7367 Datasheet HTML 308Page - PMC-Sierra, Inc PM7367 Datasheet HTML 309Page - PMC-Sierra, Inc PM7367 Datasheet HTML 310Page - PMC-Sierra, Inc PM7367 Datasheet HTML 311Page - PMC-Sierra, Inc PM7367 Datasheet HTML 312Page - PMC-Sierra, Inc PM7367 Datasheet HTML 313Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
295
During clock 3, the target latches in the data element and negates TRDYB and
DEVSELB, having seen FRAMEB negated previously. The initiator negates
IRDYB and drives FRAMEB to start the next cycle. It also drives the address
onto the AD[31:0] bus and drives the C/BEB[3:0] lines with the write command.
In this example the command would indicate a burst write.
During clock 4, the initiator ceases to drive the address onto the AD[31:0] bus
and starts driving the first data element. The initiator also drives the C/BEB[3:0]
lines with the byte enables for the write data. IRDYB is driven active by the
initiator to indicate that the data is valid. The target claims the transaction by
driving DEVSELB active and drives TRDYB to indicate to the initiator that it is
ready to accept the data.
During clock 5, the initiator is ready to transfer the next data element so it drives
the AD[31:0] lines with the second data element. The initiator negates FRAMEB
since this is the last data phase of this cycle. The target accepts the first data
element and negates TRDYB to indicate its is not ready for the next data
element.
During clock 6, the target is still not ready so a wait state shall be added.
During clock 7, the target asserts TRDYB to indicate that it is ready to complete
the transfer.
During clock 8, the target latches in the last element and negates TRDYB and
DEVSELB, having seen FRAMEB negated previously. The initiator negates
IRDYB. All of the above signals shall be driven to their inactive state in this clock
cycle, except for FRAMEB which shall be tri-stated. The target stops driving the
AD[31:0] bus and the initiator stops driving the C/BEB[3:0] bus. This shall be the
turnaround cycle for these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com