Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 312 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 312 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 308Page - PMC-Sierra, Inc PM7367 Datasheet HTML 309Page - PMC-Sierra, Inc PM7367 Datasheet HTML 310Page - PMC-Sierra, Inc PM7367 Datasheet HTML 311Page - PMC-Sierra, Inc PM7367 Datasheet HTML 312Page - PMC-Sierra, Inc PM7367 Datasheet HTML 313Page - PMC-Sierra, Inc PM7367 Datasheet HTML 314Page - PMC-Sierra, Inc PM7367 Datasheet HTML 315Page - PMC-Sierra, Inc PM7367 Datasheet HTML 316Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
298
14
ABSOLUTE MAXIMUM RATINGS
Maximum rating are the worst case limits that the device can withstand without
sustaining permanent damage. They are not indicative of normal operating
conditions.
Table 30 – FREEDM-32P32 Absolute Maximum Ratings
Case Temperature under Bias
-40°C to +85°C
Storage Temperature
-40°C to +125°C
Supply Voltage (VDD)
-0.3V to +4.6V
Bias Voltage (VBIAS)
(VDD - 0.3) to +5.5V
Voltage on Any Pin
-0.3V to VBIAS + 0.3V
Static Discharge Voltage
±1000 V
Latch-Up Current
±100 mA
DC Input Current
±20 mA
Lead Temperature
+230°C
Absolute Maximum Junction Temperature
+150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com