Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 310 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 310 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 306Page - PMC-Sierra, Inc PM7367 Datasheet HTML 307Page - PMC-Sierra, Inc PM7367 Datasheet HTML 308Page - PMC-Sierra, Inc PM7367 Datasheet HTML 309Page - PMC-Sierra, Inc PM7367 Datasheet HTML 310Page - PMC-Sierra, Inc PM7367 Datasheet HTML 311Page - PMC-Sierra, Inc PM7367 Datasheet HTML 312Page - PMC-Sierra, Inc PM7367 Datasheet HTML 313Page - PMC-Sierra, Inc PM7367 Datasheet HTML 314Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
296
Figure 35 – PCI Fast Back to Back
PCICLK
FRAMEB
AD[31:0]
C/BEB[3:0]
12
3
4
5
6
7
8
9
IRDYB
TRDYB
DEVSELB
T
Address
Data
Data
Byte En
Byte Enable
Bus Cmd
T
T
T
T
T
Address
Data
Bus Cmd
13.4 BERT Interface
The timing relationship between the receive link clock and data (RCLK[n] /
RD[n]) and the receive BERT port signals (RBCLK / RBD) is shown in Figure 36.
The selected RCLK[n] is placed on RBCLK after an asynchronous delay. The
selected receive link data (RD[n]) is sampled on the rising edge of the associated
RCLK[n] and transferred to RBD on the falling edge of RBCLK.
Figure 36 – Receive BERT Port Timing
RCLK[n]
RD[n]
B1 B2 B3 B4 X B5 X X X B6 B7 B8 B1 X
RBCLK
RBD
B1 B2 B3
B4
B5
B6 B7 B8 B1
The timing relationship between the transmit link clock and data (TCLK[n] /
TD[n]) and the transmit BERT port signals (TBCLK / TBD) is shown in Figure 37.
TCLK[n] is shown to have an arbitrary gapping. When TCLK[n] is quiescent,
TBD is ignored (X in Figure 37). The selected TCLK[n] is buffered and placed on
TBCLK. The transmit BERT data (TBD) is sampled on the rising edge of the
TBCLK and transferred to the selected TD[n] on the falling edge of TCLK[n].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com