Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 322 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 322 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 315Page - PMC-Sierra, Inc PM7367 Datasheet HTML 316Page - PMC-Sierra, Inc PM7367 Datasheet HTML 317Page - PMC-Sierra, Inc PM7367 Datasheet HTML 318Page - PMC-Sierra, Inc PM7367 Datasheet HTML 319Page - PMC-Sierra, Inc PM7367 Datasheet HTML 320Page - PMC-Sierra, Inc PM7367 Datasheet HTML 321Page - PMC-Sierra, Inc PM7367 Datasheet HTML 322Page - PMC-Sierra, Inc PM7367 Datasheet HTML 323Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 322 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
308
18
MECHANICAL INFORMATION
Figure 44 – 272 Pin Plastic Ball Grid Array (PBGA)
0.20
(4X)
D
D1
E
E1
CORNER
A1 BALL
45o CHAMFER
4 PLACES
TOP VIEW
B
A
A1 BALL
INDICATOR
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
b
J
I
e
e
CORNER
A1 BALL
Py
Px
"d" DIA.
3 PLACES
BOTTOM VIEW
M
0.30
0.10
C
CA B
M
300 TYP +/- 10
c
A1
A2
A
SEATING PLANE
SIDE VIEW
C
bbb C
aaa
C
0.35
0.15
24.03
24.13
24.23
24.03
24.13
24.23
1.27
0.36
1.0
0.56
0.60
0.76
0.90
26.80
1.435
23.50
24.00
24.70
27.00
1.435
27.20
23.50
24.00
24.70
26.80
27.00
27.20
0.50
0.60
0.70
1.17
1.12
1.22
2.12
2.33
2.54
1.92
2.13
2.32
NOTES: 1) A LL DIMENSIONS IN MILLIMETER.
2) DIMENSION aaa DENOTES COPLA NA RITY .
3) DIMENSION bbb DENOTES PA RA LLEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com