Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 122Page - PMC-Sierra, Inc PM7367 Datasheet HTML 123Page - PMC-Sierra, Inc PM7367 Datasheet HTML 124Page - PMC-Sierra, Inc PM7367 Datasheet HTML 125Page - PMC-Sierra, Inc PM7367 Datasheet HTML 126Page - PMC-Sierra, Inc PM7367 Datasheet HTML 127Page - PMC-Sierra, Inc PM7367 Datasheet HTML 128Page - PMC-Sierra, Inc PM7367 Datasheet HTML 129Page - PMC-Sierra, Inc PM7367 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
112
CHAN[4:0]:
The indirect data bits (CHAN[4:0]) report the channel number read from the
channel provision RAM after an indirect read operation has completed.
Channel number to be written to the channel provision RAM in an indirect
write operation must be set up in this register before triggering the write.
CHAN[4:0] reflects the value written until the completion of a subsequent
indirect read operation.
PROV:
The indirect provision enable bit (PROV) reports the channel provision enable
flag read from the channel provision RAM after an indirect read operation has
completed. The provision enable flag to be written to the channel provision
RAM, in an indirect write operation, must be set up in this register before
triggering the write. When PROV is set high, the current receive data byte is
processed as part of the channel as indicated by CHAN[4:0]. When PROV is
set low, the current time-slot does not belong to any channel and the receive
data byte ignored. PROV reflects the value written until the completion of a
subsequent indirect read operation.
CDLBEN:
The indirect channel based diagnostic loopback enable bit (CDLBEN) reports
the loopback enable flag read from channel provision RAM after an indirect
read operation has complete. The loopback enable flag to be written to the
channel provision RAM, in an indirect write operation, must be set up in this
register before triggering the write. When CDLBEN is set high, the current
receive data byte is to be over-written by data retrieved from the loopback
FIFO of the channel as indicated by CHAN[4:0]. When CDLBEN is set low,
the current receive data byte is processed normally. CDLBEN reflects the
value written until the completion of a subsequent indirect read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com