Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 124Page - PMC-Sierra, Inc PM7367 Datasheet HTML 125Page - PMC-Sierra, Inc PM7367 Datasheet HTML 126Page - PMC-Sierra, Inc PM7367 Datasheet HTML 127Page - PMC-Sierra, Inc PM7367 Datasheet HTML 128Page - PMC-Sierra, Inc PM7367 Datasheet HTML 129Page - PMC-Sierra, Inc PM7367 Datasheet HTML 130Page - PMC-Sierra, Inc PM7367 Datasheet HTML 131Page - PMC-Sierra, Inc PM7367 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
114
FTHRES[6:0]:
The framing bit threshold bits (FTHRES[6:0]) contains the threshold used by
the clock activity monitor to detect for the presence of framing bits. A counter
in the clock activity monitor of each receive link increments at each SYSCLK
and is cleared, when the BSYNC bit of that link is set low, by each rising edge
of the corresponding RCLK[n]. When the BSYNC bit of that link is set high,
the counter is cleared at every fourth rising edge of the corresponding
RCLK[n]. When the counter exceeds the threshold given by FTHRES[6:0], a
framing bit/byte has been detected. FTHRES[6:0] should be set as a function
of the SYSCLK period and the expected gapping width of RCLK[n] during
data bits and during framing bits/bytes. Legal range of FTHRESH[6:0] is
'b0000001 to 'b1111110.
Note: For operation with T1 links and SYSCLK = 33 MHz, FTHRESH[6:0]
should be set to ‘b0011111’. The default value of this register is inconsistent
with that of the TCAS Framing Bit Threshold register 0x408.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com