Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 132 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 132 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 128Page - PMC-Sierra, Inc PM7367 Datasheet HTML 129Page - PMC-Sierra, Inc PM7367 Datasheet HTML 130Page - PMC-Sierra, Inc PM7367 Datasheet HTML 131Page - PMC-Sierra, Inc PM7367 Datasheet HTML 132Page - PMC-Sierra, Inc PM7367 Datasheet HTML 133Page - PMC-Sierra, Inc PM7367 Datasheet HTML 134Page - PMC-Sierra, Inc PM7367 Datasheet HTML 135Page - PMC-Sierra, Inc PM7367 Datasheet HTML 136Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
118
E1 framing bytes. The data bit on RD[0] clocked in by the first rising edge of
RCLK[0] after an extended quiescent period is considered to be the most
significant bit of time-slot 1. When CEN is set low, receive link #0 is
unchannelised. The E1 register bit is ignored. RCLK[0] is gapped during
non-data bytes. The choice between treating all data bits as a contiguous
stream with arbitrary byte alignment or byte aligned to gaps in RCLK[0] is
controlled by the BSYNC bit.
E1:
The E1 frame structure select bit (E1) configures receive link #0 for
channelised E1 operation when CEN is set high. RCLK[0] is held quiescent
during the FAS and NFAS framing bytes. The data bit on RD[0] associated
with the first rising edge of RCLK[0] after an extended quiescent period is
considered to be the most significant bit of time-slot 1. Link data is present at
time-slots 1 to 31. When E1 is set low and CEN is set high, receive link #0 is
configured for channelised T1 operation. RCLK[0] is held quiescent during
the framing bit. The data bit on RD[0] associated with the first rising edge of
RCLK[0] after an extended quiescent period is considered to be the most
significant bit of time-slot 1. Link data is present at time-slots 1 to 24. E1 is
ignored when CEN is set low.
BSYNC:
The byte synchronisation enable bit (BSYNC) controls the interpretation of
gaps in RCLK[0] when link #0 is in unchannelised mode (CEN set low).
When BSYNC is set high, the data bit on RD[0] clocked in by the first rising
edge of RCLK[0] after an extended quiescent period is considered to be the
most significant bit of a data byte. When BSYNC is set low, gaps in RCLK[0]
carry no special significance. BSYNC is ignore when CEN is set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com