Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 144 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 144 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 140Page - PMC-Sierra, Inc PM7367 Datasheet HTML 141Page - PMC-Sierra, Inc PM7367 Datasheet HTML 142Page - PMC-Sierra, Inc PM7367 Datasheet HTML 143Page - PMC-Sierra, Inc PM7367 Datasheet HTML 144Page - PMC-Sierra, Inc PM7367 Datasheet HTML 145Page - PMC-Sierra, Inc PM7367 Datasheet HTML 146Page - PMC-Sierra, Inc PM7367 Datasheet HTML 147Page - PMC-Sierra, Inc PM7367 Datasheet HTML 148Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
130
Register 0x208 : RHDL Indirect Channel Data Register #2
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R/W
7BIT
0
Bit 14
R/W
PRIORITY
0
Bit 13
R/W
INVERT
0
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
R/W
OFFSET[1]
0
Bit 8
R/W
OFFSET[0]
0
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused[
X
Bit 3
Unused
X
Bit 2
R/W
XFER[2]
X
Bit 1
R/W
XFER[1]
0
Bit 0
R/W
XFER[0]
0
This register contains data read from the channel provision RAM after an indirect
read operation or data to be inserted into the channel provision RAM in an
indirect write operation.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com