Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 145 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 145 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 141Page - PMC-Sierra, Inc PM7367 Datasheet HTML 142Page - PMC-Sierra, Inc PM7367 Datasheet HTML 143Page - PMC-Sierra, Inc PM7367 Datasheet HTML 144Page - PMC-Sierra, Inc PM7367 Datasheet HTML 145Page - PMC-Sierra, Inc PM7367 Datasheet HTML 146Page - PMC-Sierra, Inc PM7367 Datasheet HTML 147Page - PMC-Sierra, Inc PM7367 Datasheet HTML 148Page - PMC-Sierra, Inc PM7367 Datasheet HTML 149Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
131
XFER[2:0]:
The indirect channel transfer size (XFER[2:0]) configures the amount of data
transferred in each transaction. The channel transfer size to be written to the
channel provision RAM, in an indirect write operation, must be set up in this
register before triggering the write. When the channel FIFO depth reaches
the depth specified by XFER[2:0] or when an end-of-packet exists in the
FIFO, a request will be made to the RMAC to initiate a PCI write access to
transfer the data to the PCI host. Channel transfer size is measured in 16
byte blocks. The amount of data transferred and the depth threshold are
specified by given setting is:
XFER[2:0] + 1 blocks = 16 * (XFER[2:0] + 1) bytes
XFER[2:0] should be set such that the number of blocks transferred is at
least two fewer than the total allocated to the associated channel. XFER[2:0]
reflects the value written until the completion of a subsequent indirect channel
read operation.
OFFSET[1:0]:
The packet byte offset (OFFSET[1:0]) configures the partial packet processor
to insert invalid bytes at the beginning of a packet stored in the channel FIFO.
The value of OFFSET[1:0] to be written to the channel provision RAM, in an
indirect channel write operation, must be set up in this register before
triggering the write. The number of bytes inserted before the beginning of a
HDLC packet is defined by the binary value of OFFSET[1:0]. OFFSET[1:0]
reflects the value written until the completion of a subsequent indirect channel
read operation.
INVERT:
The HDLC data inversion bit (INVERT) configures the HDLC processor to
logically invert the incoming HDLC stream from the RCAS before processing
it. The value of INVERT to be written to the channel provision RAM, in an
indirect channel write operation, must be set up in this register before
triggering the write. When INVERT is set to one, the HDLC stream is logically
inverted before processing. When INVERT is set to zero, the HDLC stream
is not inverted before processing. INVERT reflects the value written until the
completion of a subsequent indirect channel read operation.
PRIORITY:
The channel FIFO priority bit (PRIORITY) informs the partial packet
processor that the channel has precedence over other channels when being
serviced by the RMAC block for transfer to the PCI host. The value of
PRIORITY to be written to the channel provision RAM, in an indirect channel
write operation, must be set up in this register before triggering the write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com