Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 156 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 156 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 152Page - PMC-Sierra, Inc PM7367 Datasheet HTML 153Page - PMC-Sierra, Inc PM7367 Datasheet HTML 154Page - PMC-Sierra, Inc PM7367 Datasheet HTML 155Page - PMC-Sierra, Inc PM7367 Datasheet HTML 156Page - PMC-Sierra, Inc PM7367 Datasheet HTML 157Page - PMC-Sierra, Inc PM7367 Datasheet HTML 158Page - PMC-Sierra, Inc PM7367 Datasheet HTML 159Page - PMC-Sierra, Inc PM7367 Datasheet HTML 160Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
142
ENABLE:
The ENABLE bit determines whether or not the RMAC accepts data from the
RHDL block and sends it to host memory. When set to 1, these tasks are
enabled. When set to 0, they are disabled.
LCACHE:
The large buffer cache enable bit (LCACHE) enables caching of Large Buffer
RPDRs. When LCACHE is set high, RPDRs are fetched from the RPDR
Large Buffer Free Queue in groups of up to six. When LCACHE is set low,
RPDRs are fetched one at a time.
SCACHE:
The small buffer cache enable bit (SCACHE) enables caching of Small Buffer
RPDRs. When SCACHE is set high, RPDRs are fetched from the RPDR
Small Buffer Free Queue in groups of up to six. When SCACHE is set low,
RPDRs are fetched one at a time.
RAWMAX[1:0]:
The RAWMAX[1:0] field determines how ‘raw’ (i.e. non packet delimited) data
is written to host memory. Raw data is written to buffers in host memory in
the same manner as packet delimited data. Whenever RAWMAX[1:0] + 1
buffers have been filled, the resulting buffer chain is placed in the ready
queue.
RPQ_RDYN[2:0]:
The RPQ_RDYN[2:0] field sets the number of receive packet descriptor
references (RPDRs) that must be placed onto the RPDR ready queue before
the RPDR ready interrupt (RPQRDYI) is asserted, as follows:
Table 17 – RPQ_RDYN[2:0] settings
RPQ_RDYN[2:0]
No of RPDRs
000
1
001
4
010
6
011
8
100
16
101
32
110
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com