Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 157 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 157 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 153Page - PMC-Sierra, Inc PM7367 Datasheet HTML 154Page - PMC-Sierra, Inc PM7367 Datasheet HTML 155Page - PMC-Sierra, Inc PM7367 Datasheet HTML 156Page - PMC-Sierra, Inc PM7367 Datasheet HTML 157Page - PMC-Sierra, Inc PM7367 Datasheet HTML 158Page - PMC-Sierra, Inc PM7367 Datasheet HTML 159Page - PMC-Sierra, Inc PM7367 Datasheet HTML 160Page - PMC-Sierra, Inc PM7367 Datasheet HTML 161Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
143
RPQ_RDYN[2:0]
No of RPDRs
111
Reserved
RPQ_LFN[1:0]:
The RPQ_LFN[1:0] field sets the number of times that a block of RPDRs are
read from the Large Buffer Free Queue to the RMACs internal cache before
the RPDR Large Buffer Free Queue interrupt (RPQLFI) is asserted, as
follows:
Table 18 – RPQ_LFN[1:0] Settings
RPQ_LFN[1:0]
No of Reads
00
1
01
4
10
8
11
Reserved
RPQ_SFN[1:0]:
The RPQ_SFN[1:0] field sets the number of times that a block of RPDRs are
read from the Small Buffer Free Queue to the RMACs internal cache before
the RPDR Small Buffer Free Queue interrupt (RPQSFI) is asserted, as
follows:
Table 19 – RPQ_SFN[1:0] Settings
RPQ_SFN[1:0]
No of Reads
00
1
01
4
10
8
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com