Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 191 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 191 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 187Page - PMC-Sierra, Inc PM7367 Datasheet HTML 188Page - PMC-Sierra, Inc PM7367 Datasheet HTML 189Page - PMC-Sierra, Inc PM7367 Datasheet HTML 190Page - PMC-Sierra, Inc PM7367 Datasheet HTML 191Page - PMC-Sierra, Inc PM7367 Datasheet HTML 192Page - PMC-Sierra, Inc PM7367 Datasheet HTML 193Page - PMC-Sierra, Inc PM7367 Datasheet HTML 194Page - PMC-Sierra, Inc PM7367 Datasheet HTML 195Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
177
memory. When ENABLE is set high, the TMAC is enabled. When ENABLE
is set low, the TDR Ready Queue is ignored. Once all linked lists of TDs built
up by the TMAC have been exhausted, no more data will be transmitted on
the TD[31:0] links.
CACHE:
The transmit descriptor reference cache enable bit (CACHE) controls the
frequency at which TDRs are written to the TDR Free Queue. When CACHE
is set high, freed TDRs are cache and then written up to six at a time. When
CACHE is set low, freed TDRs are written one at a time.
TDQ_RDYN[2:0]:
The TDQ_RDYN[2:0] field sets the number of transmit descriptor references
(TDRs) that must be read from the TDR Ready Queue before the TDR Ready
interrupt (TDQRDYI) is asserted, as follows:
Table 20 – TDQ_RDYN[2:0] Settings
TDQ_RDYN[2:0]
No of TDRs
000
1
001
4
010
6
011
8
100
16
101
32
110
Reserved
111
Reserved
TDQ_FRN[1:0]:
The TDQ_FRN[1:0] field sets the number of times that a block of TDRs are
written to the TDR Free Queue from the TMACs internal cache before the
TDR Free Queue Interrupt (TDQFI) is asserted, as follows:
Table 21 – TDQ_FRN[1:0] Settings
TDQ_FRN[1:0]
No of Reads
00
1
01
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com