Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 193 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 193 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 189Page - PMC-Sierra, Inc PM7367 Datasheet HTML 190Page - PMC-Sierra, Inc PM7367 Datasheet HTML 191Page - PMC-Sierra, Inc PM7367 Datasheet HTML 192Page - PMC-Sierra, Inc PM7367 Datasheet HTML 193Page - PMC-Sierra, Inc PM7367 Datasheet HTML 194Page - PMC-Sierra, Inc PM7367 Datasheet HTML 195Page - PMC-Sierra, Inc PM7367 Datasheet HTML 196Page - PMC-Sierra, Inc PM7367 Datasheet HTML 197Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
179
Register 0x304 : TMAC Indirect Channel Provisioning
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R
BUSY
X
Bit 14
R/W
RWB
0
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
PROV
0
Bit 6
Reserved
0
Bit 5
Reserved
0
Bit 4
R/W
CHAN[4]
0
Bit 3
R/W
CHAN[3]
0
Bit 2
R/W
CHAN[2]
0
Bit 1
R/W
CHAN[1]
0
Bit 0
R/W
CHAN[0]
0
The Channel Provisioning Register is used to provision and unprovision
channels, and also to query the provision status of channels. When a channel is
provisioned, chains of packet data for that channel will be accepted by the TMAC
and placed on the channel’s linked list of packets to be transmitted. When a
channel is unprovisioned, chains of packet data for that channel will be rejected
by the TMAC and returned to the TDR Free Queue with the status bits in the
queue element set to indicate the rejection.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com