Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 30Page - NXP Semiconductors SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
34 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.14 Enhanced Feature Register (EFR)
Enhanced features are enabled or disabled using this register.
Bits 0 through 4 provide single or dual character software flow control selection. When the
Xon1 and Xon2 and/or Xoff1 and Xoff2 modes are selected, the double 8-bit words are
concatenated into two sequential numbers.
[1]
Enhanced function control bits IER[7:4], ISR[5:4], FCR[5:4] and MCR[7:5].
Table 25.
Enhanced Feature Register bits description
Bit
Symbol
Description
7
EFR[7]
Automatic CTS flow control.
logic 0 = automatic CTS flow control is disabled (normal default condition)
logic 1 = enable automatic CTS flow control. Transmission will stop when
CTS goes to a logical 1. Transmission will resume when the CTSA/CTSB pin
returns to a logical 0.
6
EFR[6]
Automatic RTS flow control. Automatic RTS may be used for hardware flow
control by enabling EFR[6]. When Auto-RTS is selected, an interrupt will be
generated when the receive FIFO is filled to the programmed trigger level and
RTS will go to a logic 1 at the next trigger level. RTS will return to a logic 0 when
data is unloaded below the next lower trigger level (programmed trigger level 1).
The state of this register bit changes with the status of the hardware flow
control. RTS functions normally when hardware flow control is disabled.
logic 0 = automatic RTS flow control is disabled (normal default condition)
logic 1 = enable automatic RTS flow control
5
EFR[5]
Special Character Detect.
logic 0 = special character detect disabled (normal default condition)
logic 1 = special character detect enabled. The SC16C852L compares each
incoming receive character with Xoff2 data. If a match exists, the received
data will be transferred to FIFO and ISR[4] will be set to indicate detection of
special character. Bit-0 in the X-registers corresponds with the LSB bit for the
receive character. When this feature is enabled, the normal software flow
control must be disabled (EFR[3:0] must be set to a logic 0).
4
EFR[4]
Enhanced function control bit. The content of IER[7:4], ISR[5:4], FCR[5:4], and
MCR[7:5] can be modified and latched. After modifying any bits in the enhanced
registers, EFR[4] can be set to a logic 0 to latch the new values. This feature
prevents existing software from altering or overwriting the SC16C852L
enhanced functions.
logic 0 = disable/latch enhanced features[1]. (Normal default condition.)
logic 1 = enables the enhanced functions[1].
3:0
EFR[3:0]
Cont-3:0 TX, RX control. Logic 0 or cleared is the default condition.
Combinations of software flow control can be selected by programming these
bits. See Table 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com