Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 3Page - NXP Semiconductors SC16C852LIB Datasheet HTML 4Page - NXP Semiconductors SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
7 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
5.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
LQFP48
HVQFN32
A0
28
20
I
Address 0 select bit. Internal register address selection.
A1
27
19
I
Address 1 select bit. Internal register address selection.
A2
26
18
I
Address 2 select bit. Internal register address selection.
CDA40
-
I
Carrier Detect (active LOW). These inputs are associated with individual
UART channels A through B. A logic 0 on this pin indicates that a carrier has
been detected by the modem for that channel.
CDB
16
-
I
CSA/CS
10
7
I
When 16/68 pin is at logic 1 (or unconnected), this input is chip select for
channel A.
When 16/68 pin is at logic 0, this input becomes the chip select for both
channels (Motorola mode).
CSB/A3
11
8
I
When 16/68 pin is at logic 1 (or unconnected), this input is chip select for
channel B.
When 16/68 pin is at logic 0, this input becomes the address line A3 which is
used for channel selection; a logic 0 selects channel A and a logic 1 selects
channel B.
CTSA
38
25
I
Clear to Send (active LOW). These inputs are associated with individual
UART channels, A through B. A logic 0 on the CTSx pin indicates the modem or
data set is ready to accept transmit data from the SC16C852L. Status can be
tested by reading MSR[4].
CTSB
23
16
I
DSRA
39
-
I
Data Set Ready (active LOW). These inputs are associated with individual
UART channels, A through B. A logic 0 on this pin indicates the modem or data
set is powered-on and is ready for data exchange with the UART. Status can be
tested by reading MSR[5].
DSRB
20
-
DTRA
34
-
O
Data Terminal Ready (active LOW). These outputs are associated with
individual UART channels, A through B. A logic 0 on this pin indicates that the
SC16C852L is powered-on and ready. This pin can be controlled via the
modem control register. Writing a logic 1 to MCR[0] will set the DTR output to
logic 0, enabling the modem. This pin will be a logic 1 after writing a logic 0 to
MCR[0], or after a reset.
DTRB
35
-
D0
44
27
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least
significant bit and the first data bit in a transmit or receive serial data stream.
D1
45
28
I/O
D2
46
29
I/O
D3
47
30
I/O
D4
48
31
I/O
D5
1
32
I/O
D6
2
1
I/O
D7
3
2
I/O
INTA
(IRQ)
30
22
O
When 16/68 pin is at logic 1 or unconnected, this output becomes channel A
interrupt output. The output state is defined by the user through the software
setting of MCR[3]. INTA is set to the active mode and OP2A output to a logic 0
when MCR[3] is set to a logic 1. INTA is set to the 3-state mode and OP2A is
set to a logic 1 when MCR[3] is set to a logic 0.
When 16/68 pin is at logic 0, this output becomes device interrupt output
(active LOW, open-drain). An external pull-up resistor to VDD is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com