Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors SC16C852LIB Datasheet HTML 24Page - NXP Semiconductors SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors SC16C852LIB Datasheet HTML 26Page - NXP Semiconductors SC16C852LIB Datasheet HTML 27Page - NXP Semiconductors SC16C852LIB Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
24 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
7.1 Transmit (THR) and Receive (RHR) Holding Registers
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and
Transmit Shift Register (TSR). The status of the THR is provided in the Line Status
Register (LSR). Writing to the THR transfers the contents of the data bus (D7 to D0) to the
transmit FIFO. The THR empty flag in the LSR will be set to a logic 1 when the transmit
FIFO is empty or when data is transferred to the TSR.
The serial receive section also contains an 8-bit Receive Holding Register (RHR) and a
Receive Serial Shift Register (RSR). Receive data is removed from the SC16C852L
receive FIFO by reading the RHR. The receive section provides a mechanism to prevent
false starts. On the falling edge of a start or false start bit, an internal receiver counter
starts counting clocks at the 16
× clock rate. After 71⁄
2 clocks, the start bit time should be
shifted to the center of the start bit. At this time the start bit is sampled, and if it is still a
logic 0 it is validated. Evaluating the start bit in this manner prevents the receiver from
assembling a false character. Receiver status codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready, transmitter
empty, line status and modem status registers. These interrupts would normally be seen
on the INTA, INTB output pins.
Table 11.
Interrupt Enable Register bits description
Bit
Symbol
Description
7
IER[7]
CTS interrupt.
logic 0 = disable the CTS interrupt (normal default condition)
logic 1 = enable the CTS interrupt. The SC16C852L issues an interrupt when
the CTSA/CTSB pin transitions from a logic 0 to a logic 1.
6
IER[6]
RTS interrupt.
logic 0 = disable the RTS interrupt (normal default condition)
logic 1 = enable the RTS interrupt. The SC16C852L issues an interrupt when
the RTSA/RTSB pin transitions from a logic 0 to a logic 1.
5
IER[5]
Xoff interrupt.
logic 0 = disable the software flow control, receive Xoff interrupt (normal
default condition)
logic 1 = enable the receive Xoff interrupt
4
IER[4]
Sleep mode.
logic 0 = disable Sleep mode (normal default condition)
logic 1 = enable Sleep mode
3
IER[3]
Modem Status Interrupt. This interrupt will be issued whenever there is a modem
status change as reflected in MSR[3:0].
logic 0 = disable the modem status register interrupt (normal default condition)
logic 1 = enable the modem status register interrupt
2
IER[2]
Receive Line Status interrupt. This interrupt will be issued whenever a receive
data error condition exists as reflected in LSR[4:1].
logic 0 = disable the receiver line status interrupt (normal default condition)
logic 1 = enable the receiver line status interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com