Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
13 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.5 Hardware flow control
When automatic hardware flow control is enabled, the SC16C852L monitors the
CTSA/CTSB pin for a remote buffer overflow indication and controls the RTSA/RTSB pin
for local buffer overflows. Automatic hardware flow control is selected by setting EFR[6]
(RTS) and EFR[7] (CTS) to a logic 1. If CTS transitions from a logic 0 to a logic 1
indicating a flow control request, ISR[5] will be set to a logic 1 (if enabled via IER[7:6]),
and the SC16C852L will suspend TX transmissions as soon as the stop bit of the
character in process is shifted out. Transmission is resumed after the CTSx input returns
to a logic 0, indicating more data may be sent.
When AFCR1[2] is set to logic 1 then the function of CTSA/CTSB pin is mapped to the
DSRA/DSRB pin, and the function of RTSA/RTSB is mapped to DTRA/DTRB pin. DSRx
and DTRx pins will behave as described above for CTS and RTS.
With the automatic hardware flow control function enabled, an interrupt is generated when
the receive FIFO reaches the programmed trigger level. The RTSx (or DTRx) pin will not
be forced to a logic 1 (RTS off), until the receive FIFO reaches the next trigger level.
However, the RTSx (or DTRx) pin will return to a logic 0 after the receive buffer (FIFO) is
unloaded to the next trigger level below the programmed trigger level. Under the above
described conditions, the SC16C852L will continue to accept data until the receive FIFO
is full.
When the TXINTLVL, RXINTLVL, FLWCNTH and FLWCNTL in the ‘first extra feature
register set’ are all zeroes, the hardware and software flow control trigger levels are set by
FCR[7:4]; see Table 6.
When the TXINTLVL, RXINTLVL, FLWCNTH or FLWCNTL in the ‘first extra feature
register set’ contain any value other than 0x00, the hardware and software flow control
trigger levels are set by FLWCNTH and FLWCNTL. The content in FLWCNTH determines
how many bytes are in the receive FIFO before RTS (or DTR) is de-asserted or Xoff is
sent. The content in FLWCNTL determines how many bytes are in the receive FIFO
before RTS (or DTR) is asserted, or Xon is sent.
In 128-byte FIFO mode, hardware and software flow control trigger levels can be set to
any value between 1 and 128 in granularity of 1. The value of FLWCNTH should always
be greater than FLWCNTL. The UART does not check for this condition automatically, and
if this condition is not met, spurious operation of the device might occur. When using
FLWCNTH and FLWCNTL, these registers must be initialized to proper values before
hardware or software flow control is enabled via the EFR register.
6.6 Software flow control
When software flow control is enabled, the SC16C852L compares one or two sequentially
received data characters with the programmed Xon or Xoff character value(s). If the
received character(s) match the programmed Xoff values, the SC16C852L will halt
transmission (TX) as soon as the current character(s) has completed transmission. When
a match occurs, ISR bit 4 will be set (if enabled via IER[5]) and the interrupt output pin (if
receive interrupt is enabled) will be activated. Following a suspension due to a match of
the Xoff characters’ values, the SC16C852L will monitor the receive data stream for a
match to the Xon1/Xon2 character value(s). If a match is found, the SC16C852L will
resume operation and clear the flags (ISR[4]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com