Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors SC16C852LIB Datasheet HTML 39Page - NXP Semiconductors SC16C852LIB Datasheet HTML 40Page - NXP Semiconductors SC16C852LIB Datasheet HTML 41Page - NXP Semiconductors SC16C852LIB Datasheet HTML 42Page - NXP Semiconductors SC16C852LIB Datasheet HTML 43Page - NXP Semiconductors SC16C852LIB Datasheet HTML 44Page - NXP Semiconductors SC16C852LIB Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
41 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
10. Dynamic characteristics
[1]
Applies to external clock, crystal oscillator max 24 MHz.
[2]
Maximum frequency =
[3]
10 % of the data bus output voltage level.
[4]
RCLK is an internal signal derived from Divisor Latch LSB (DLL) and Divisor Latch MSB (DLM) divisor latches.
Table 39.
Dynamic characteristics - Intel or 16 mode
Tamb = −40 °C to +85 °C; VDD = 1.65 V to 1.95 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tWH
pulse width HIGH
6
-
-
ns
tWL
pulse width LOW
6
-
-
ns
tw(clk)
clock pulse width
12.5
-
-
ns
fXTAL1
frequency on pin XTAL1
[1][2] --80
MHz
tsu(A)
address setup time
5
-
-
ns
th(A)
address hold time
10
-
-
ns
td(CS-IOR)
delay time from CS to IOR
5
-
-
ns
td(IOW-TXRDYH) delay time from IOW to TXRDY HIGH
-
-
50
ns
td(IOR-RXRDYH) delay time from IOR to RXRDY HIGH
-
-
50
ns
td(stop-RXRDY)
delay time from stop to RXRDY
[4] --1TRCLK
s
td(start-TXRDY)
delay time from start to TXRDY
[4] --8TRCLK
s
tw(IOR)
IOR pulse width time
20
-
-
ns
th(IOR-CS)
hold time from IOR to chip select
0
-
-
ns
td(IOR)
IOR delay time
10
-
-
ns
td(IOR-Q)
delay time from IOR to data output
25 pF load
-
-
20
ns
tdis(IOR-QZ)
disable time from IOR to high-impedance
data output[3]
25 pF load
-
-
20
ns
td(CSL-IOWL)
delay time from CS LOW to IOW LOW
5
--ns
tw(IOW)
IOW pulse width time
10
-
-
ns
th(IOW-CS)
hold time from IOW to CS
0
--ns
td(IOW)
IOW delay time
10
-
-
ns
tsu(D-IOWH)
setup time from data input to IOW HIGH
5
-
-
ns
th(IOWH-D)
data input hold time after IOW HIGH
5
-
-
ns
td(IOW-Q)
delay time from IOW to data output
25 pF load
-
-
50
ns
td(modem-INT)
delay time from modem to INT
25 pF load
-
-
50
ns
td(IOR-INTL)
delay time from IOR to INT LOW
25 pF load
-
-
50
ns
td(stop-INT)
delay time from stop to INT
25 pF load
[4] --1TRCLK
s
td(start-INT)
delay time from start to INT
25 pF load
-
-
1TRCLK
s
td(IOW-TX)
delay time from IOW to TX
25 pF load
[4] 8TRCLK
-
24TRCLK
s
td(IOW-INTL)
delay time from IOW to INT LOW
25 pF load
-
-
50
ns
tw(RESET)
pulse width on pin RESET
10
-
-
ns
N
baud rate divisor
1
-
(216
− 1)
1
t
wclk
()
---------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com