Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors SC16C852LIB Datasheet HTML 39Page - NXP Semiconductors SC16C852LIB Datasheet HTML 40Page - NXP Semiconductors SC16C852LIB Datasheet HTML 41Page - NXP Semiconductors SC16C852LIB Datasheet HTML 42Page - NXP Semiconductors SC16C852LIB Datasheet HTML 43Page - NXP Semiconductors SC16C852LIB Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
40 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
8.
Limiting values
[1]
Vn should not exceed 2.5 V.
9.
Static characteristics
[1]
Except XTAL2.
[2]
Sleep current might be higher if there is any activity on the UART data bus during Sleep mode.
[3]
Activate by LOWPWR pin.
Table 37.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-
2.5
V
Vn
voltage on any other pin
[1] VSS − 0.3
VDD + 0.3
V
Tamb
ambient temperature
operating in free air
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ptot/pack
total power dissipation
per package
-
500
mW
Table 38.
Static characteristics
Tamb = −40 °C to +85 °C; VDD = 1.65 V to 1.95 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(clk)
LOW-level clock input voltage
-
-
0.25
V
VIH(clk)
HIGH-level clock input voltage
1.35
-
-
V
VIL
LOW-level input voltage
except XTAL1
clock
-
-
0.45
V
VIH
HIGH-level input voltage
except XTAL1
clock
1.35
-
-
V
VOL
LOW-level output voltage
IOL =2mA
[1] -
-
0.35
V
VOH
HIGH-level output voltage
IOH = −800 µA
[1] 1.45
-
-
V
ILIL
LOW-level input leakage
current
--1
µA
ILIH
HIGH-level input leakage
current
--1
µA
IL(clk)
clock leakage current
LOW-level
-
-
30
µA
HIGH-level
-
-
30
µA
IDD
supply current
f = 5 MHz
-
-
2
mA
IDD(sleep)
Sleep mode supply current
[2] --80
µA
IDD(lp)
low-power mode supply
current
[3] --80
µA
Ci
input capacitance
-
-
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com