Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
9 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
[1]
HVQFN package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must be connected to supply ground
for proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad needs to be soldered to
the board using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias need to be
incorporated in the PCB in the thermal pad region.
TXA
7
5
O
Transmit data A, B. These outputs are associated with individual serial
transmit channel data from the SC16C852L. The TX signal will be a logic 1
during reset, idle (no data), or when the transmitter is disabled. During the local
loopback mode, the TXA/TXB output pin is disabled and TX data is internally
connected to the UART RX input.
TXB
8
6
O
TXRDYA43
-
O
Transmit Ready A, B (active LOW). These outputs provide the TX FIFO/THR
status for individual transmit channels (A to B). TXRDY is primarily intended for
monitoring DMA mode 1 transfers for the transmit data FIFOs. An individual
channel’s TXRDYA, TXRDYB buffer ready status is indicated by logic 0, that is,
at lease one location is empty and available in the FIFO or THR. This pin goes
to a logic 1 (DMA mode 1) when there are no more empty locations in the FIFO
or THR. This signal can also be used for single mode transfers (DMA mode 0).
TXRDYB
6
-
O
VDD
42
26
I
Power supply input.
VSS
17
13[1]
I
Signal and power ground.
XTAL1
13
10
I
Crystal or external clock input. Functions as a crystal input or as an external
clock input. A crystal can be connected between this pin and XTAL2 to form an
internal oscillator circuit. Alternatively, an external clock can be connected to
this pin to provide custom data rates (see Section 6.9 “Programmable baud rate
generator”). See Figure 6.
XTAL2
14
11
O
Output of the crystal oscillator or buffered clock. (See also XTAL1.) Crystal
oscillator output or buffered clock output. Should be left open if an external
clock is connected to XTAL1.
LOWPWR
12
9
I
Low Power. When asserted (active HIGH), the device immediately goes into
low power mode. The oscillator is shut-off and some host interface pins are
isolated from the host’s bus to reduce power consumption. The device only
returns to normal mode when the LOWPWR pin is de-asserted. On the
negative edge of a de-asserting LOWPWR signal, the device is automatically
reset and all registers return to their default reset states. This pin has an
internal pull-down resistor, therefore, it can be left unconnected.
16/68
24
17
I
Bus select. Intel or Motorola bus select.
When 16/68 pin is at logic 1 or left unconnected (internally pulled-up) the
device will operate in Intel bus type of interface.
When 16/68 pin is at logic 0, the device will operate in Motorola bus type of
interface.
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
LQFP48
HVQFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com