Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
11 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.2 Extended mode (128-byte FIFO)
The device is in the extended mode when any of these four registers contains any value
other than 0: FLWCNTH, FLWCNTL, TXINTLVL, RXINTLVL.
6.3 Internal registers
The SC16C852L provides two sets of internal registers (A and B) consisting of
25 registers each for monitoring and controlling the functions of each channel of the
UART. These registers are shown in Table 5.
Table 4.
Serial port selection (Motorola interface)
H = HIGH; L = LOW.
Chip Select
Function
CS = H
none
CS = L, A3 = L
UART channel A
CS = L, A3 = H
UART channel B
Table 5.
Internal registers decoding
A2
A1
A0
Read mode
Write mode
General register set (THR/RHR, IER/ISR, MCR/MSR, FCR, LSR, SPR)[1]
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
Line Control Register
1
0
0
Modem Control Register
Modem Control Register
1
0
1
Line Status Register
Extra Feature Control Register (EFCR)
1
1
0
Modem Status Register
n/a
1
1
1
Scratchpad Register
Scratchpad Register
Baud rate register set (DLL/DLM)[2]
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
Second special register set (TXLVLCNT/RXLVLCNT)[3]
0
1
1
Transmit FIFO Level Count
n/a
1
0
0
Receive FIFO Level Count
n/a
Enhanced feature register set (EFR, Xon1/Xon2, Xoff1/Xoff2)[4]
0
1
0
Enhanced Feature Register
Enhanced Feature Register
1
0
0
Xon1 word
Xon1 word
1
0
1
Xon2 word
Xon2 word
1
1
0
Xoff1 word
Xoff1 word
1
1
1
Xoff2 word
Xoff2 word
First extra feature register set (TXINTLVL/RXINTLVL, FLWCNTH/FLWCNTL)[5]
0
1
0
Transmit FIFO Interrupt Level
Transmit FIFO Interrupt Level
1
0
0
Receive FIFO Interrupt Level
Receive FIFO Interrupt Level
1
1
0
Flow Control Count High
Flow Control Count High
1
1
1
Flow Control Count Low
Flow Control Count Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com