Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 31Page - NXP Semiconductors SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors SC16C852LIB Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
35 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
[1]
When using a software flow control the Xon/Xoff characters cannot be used for data transfer.
7.15 Transmit Interrupt Level Register (TXINTLVL)
This 8-bit register is used to store the transmit FIFO trigger levels used for DMA and
interrupt generation. Trigger levels from 1 to 128 can be programmed with a granularity
of 1. Table 27 shows TXINTLVL register bit settings.
[1]
For 32-byte FIFO mode, refer to Section 7.3.
7.16 Receive Interrupt Level Register (RXINTLVL)
This 8-bit register is used to store the receive FIFO trigger levels used for DMA and
interrupt generation. Trigger levels from 1 to 128 can be programmed with a granularity
of 1. Table 28 shows RXINTLVL register bit settings.
Table 26.
Software flow control functions[1]
Cont-3
Cont-2
Cont-1
Cont-0
TX, RX software flow controls
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1/Xoff1
0
1
X
X
Transmit Xon2/Xoff2
1
1
X
X
Transmit Xon1 and Xon2/Xoff1 and Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1/Xoff1
X
X
0
1
Receiver compares Xon2/Xoff2
1011Transmit Xon1/Xoff1
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
0111Transmit Xon2/Xoff2
Receiver compares Xon1 or Xon2, Xoff1 or Xoff2
1111Transmit Xon1 and Xon2, Xoff1 and Xoff2
Receiver compares Xon1 and Xon2, Xoff1 and Xoff2
Table 27.
TXINTLVL register bits description
Bit
Symbol
Description
7:0
TXINTLVL[7:0]
This register stores the programmable transmit interrupt trigger levels
for 128-byte FIFO mode[1].
0x00 = trigger level is set to 1
0x01 = trigger level is set to 1
...
0x80 = trigger level is set to 128
Table 28.
RXINTLVL register bits description
Bit
Symbol
Description
7:0
RXINTLVL[7:0]
This register stores the programmable receive interrupt trigger levels
for 128-byte FIFO mode[1].
0x00 = trigger level is set to 1
0x01 = trigger level is set to 1
...
0x80 = trigger level is set to 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com