Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
12 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
[1]
These registers are accessible only when LCR[7] is a logic 0.
[2]
These registers are accessible only when LCR[7] is a logic 1.
[3]
Second special registers are accessible only when EFCR[0] = 1.
[4]
Enhanced feature registers are only accessible when LCR = 0xBF.
[5]
First extra feature registers are only accessible when EFCR[2:1] = 01b.
[6]
Second extra feature registers are only accessible when EFCR[2:1] = 10b.
6.4 FIFO operation
6.4.1 32-byte FIFO mode
When all four of these registers (TXINTLVL, RXINTLVL, FLWCNTH, FLWCNTL) in the
‘First extra feature register set’ are empty (0x00) the transmit and receive trigger levels are
set by FCR[7:4]. In this mode the transmit and receive trigger levels are backward
compatible to the SC16C652B (see Table 6), and the FIFO sizes are 32 entries. The
transmit and receive data FIFOs are enabled by the FIFO Control Register bit 0 (FCR[0]).
It should be noted that the user can set the transmit trigger levels by writing to the FCR,
but activation will not take place until EFR[4] is set to a logic 1. The receiver FIFO section
includes a time-out function to ensure data is delivered to the external CPU (see
Section 6.8). Please refer to Table 13 and Table 14 for the setting of FCR[7:4].
6.4.2 128-byte FIFO mode
When either TXINTLVL, RXINTLVL, FLWCNTH or FLWCNTL in the ‘first extra feature
register set’ contains any value other than 0x00, the transmit and receive trigger levels are
set by TXINTLVL and RXINTLVL registers. TXINTLVL sets the trigger levels for the
transmit FIFO, and the transmit trigger levels can be set to any value between 1 and 128
with granularity of 1. RXINTLVL sets the trigger levels for the receive FIFO, the receive
trigger levels can be set to any value between 1 and 128 with granularity of 1.
When the effective FIFO size changes (that is, when FCR[0] toggles or when the
combined content of TXINTLVL, RXINTLVL, FLWCNTH and FLWCNTL changes between
equal and unequal to 0x00), both RX FIFO and TX FIFO will be reset (data in the FIFO will
be lost).
Second extra feature register set (CLKPRES, RS485TIME, AFCR2, AFCR1)[6]
0
1
0
Clock Prescaler
Clock Prescaler
1
0
0
RS-485 turn-around Timer
RS-485 turn-around Timer
1
1
0
Additional Feature Control Register 2 Additional Feature Control Register 2
1
1
1
Additional Feature Control Register 1 Additional Feature Control Register 1
Table 5.
Internal registers decoding …continued
A2
A1
A0
Read mode
Write mode
Table 6.
Interrupt trigger level and flow control mechanism
FCR[7:6]
FCR[5:4]
INTA/INTB pin activation
Negate RTS or
send Xoff
Assert RTS or
send Xon
RX
TX
00
00
8
16
8
0
01
01
16
8
16
7
10
10
24
24
24
15
11
11
28
30
28
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com