Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors SC16C852LIB Datasheet HTML 24Page - NXP Semiconductors SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors SC16C852LIB Datasheet HTML 26Page - NXP Semiconductors SC16C852LIB Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
[1]
The value shown represents the register’s initialized HEX value; X = not applicable.
[2]
Accessible only when LCR[7] is logic 0, and EFCR[2:1] are logic 0.
[3]
This bit is only accessible when EFR[4] is set.
[4]
Baud rate registers accessible only when LCR[7] is logic 1.
[5]
Enhanced feature register, Xon1/Xon2 and Xoff1/Xoff2 are accessible only when LCR is set to 0xBF, and EFCR[2:1] are logic 0.
[6]
Second special registers are accessible only when EFCR[0] = 1, and EFCR[2:1] are logic 0.
[7]
First extra feature register set is only accessible when EFCR[2:1] = 01b.
[8]
Second extra feature register set is only accessible when EFCR[2:1] = 10b.
Enhanced feature register set[5]
0
1
0
EFR
00
Auto CTS
Auto RTS
special
character
select
Enable
IER[7:4],
ISR[5:4],
FCR[5:4],
MCR[7:5]
Cont-3 TX,
RX Control
Cont-2 TX,
RX Control
Cont-1 TX,
RX Control
Cont-0 TX,
RX Control
R/W
1
0
0
Xon1
00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
0
1
Xon2
00
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
R/W
1
1
0
Xoff1
00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
1
Xoff2
00
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
R/W
First extra feature register set[7]
0
1
0
TXINTLVL
0x00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
0
0
RXINTLVL
0x00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
0
FLWCNTH
0x00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
1
FLWCNTL
0x00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
Second extra feature register set[8]
0
1
0
CLKPRES
reserved
reserved
reserved
reserved
bit 3
bit 2
bit 1
bit 0
R/W
1
0
0
RS485TIME 0x00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
1
0
AFCR2
0x00
reserved
reserved
RS485 RTS
Invert
Auto RS485
RTS
RS485
RTS/DTR
Transmitter
Disable
Receiver
Disable
9-bit Enable
R/W
1
1
1
AFCR1
0x00
Concurrent
Write
reserved
reserved
Sleep
RXLow
reserved
RTS/CTS
mapped to
DTR/DSR
Software
Reset
TSR
Interrupt
R/W
Table 10.
SC16C852L internal registers …continued
A2 A1 A0 Register
Default[1]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com