Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors SC16C852LIB Datasheet HTML 24Page - NXP Semiconductors SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
21 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.14.3.2
Auto address detection
If Special Character Detect is enabled (EFR[5] is set and the Xoff2 register contains the
address byte) the receiver will try to detect an address byte that matches the programmed
character in the Xoff2 register. If the received byte is a data byte or an address byte that
does not match the programmed character in the Xoff2 register, the receiver will discard
these data. Upon receiving an address byte that matches the Xoff2 character, the receiver
will be automatically enabled if not already enabled, and the address character is pushed
into the RX FIFO along with the parity bit (in place of the parity error bit). The receiver also
generates a line status interrupt (IER[2] must be set to ‘1’ at this time). The receiver will
then receive the subsequent data from the ‘master’ station until being disabled by the
controller after having received a message from the ‘master’ station.
If another address byte is received and this address byte does not match the Xoff2
character, the receiver will be automatically disabled and the address byte is ignored. If
the address byte matches the Xoff2 character, the receiver will put this byte in the RX
FIFO along with the parity bit in the parity error bit (LSR bit 2).
7.
Register descriptions
Table 10 details the assigned bit functions for the SC16C852L internal registers. The
assigned bit functions are more fully defined in Section 7.1 through Section 7.23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com