Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
16 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
Programming the baud rate generator registers CLKPRES, DLM (MSB) and DLL (LSB)
provides a user capability for selecting the desired final baud rate. The example in Table 7
shows the selectable baud rate table available when using a 1.8432 MHz external clock
input when MCR[7] = 0, and CLKPRES = 0x00.
Fig 6.
Crystal oscillator connection
If fXTAL1 frequency is greater than 50 MHz, then a DC blocking capacitor is required.
XTAL2 pin should be left unconnected when an external clock is used.
Fig 7.
External clock connection
Table 7.
Baud rate generator programming table using a 1.8432 MHz clock when
MCR[7] = 0 and CLKPRES[3:0] = 0
Output
baud rate
(bit/s)
Output
16
× clock divisor
(decimal)
Output
16
× clock divisor
(hexadecimal)
DLM
program value
(hexadecimal)
DLL
program value
(hexadecimal)
50
2304
900
09
00
75
1536
600
06
00
110
1047
417
04
17
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1.2 k
96
60
00
60
2.4 k
48
30
00
30
3.6 k
32
20
00
20
4.8 k
24
18
00
18
7.2 k
16
10
00
10
9.6 k
12
0C
00
0C
19.2 k
6
06
00
06
002aaa870
C2
47 pF
XTAL1
XTAL2
X1
1.8432 MHz
C1
22 pF
C2
33 pF
XTAL1
XTAL2
1.5 k
Ω
X1
1.8432 MHz
C1
22 pF
002aac630
XTAL1
XTAL2
100 pF
fXTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com