Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 32Page - NXP Semiconductors SC16C852LIB Datasheet HTML 33Page - NXP Semiconductors SC16C852LIB Datasheet HTML 34Page - NXP Semiconductors SC16C852LIB Datasheet HTML 35Page - NXP Semiconductors SC16C852LIB Datasheet HTML 36Page - NXP Semiconductors SC16C852LIB Datasheet HTML 37Page - NXP Semiconductors SC16C852LIB Datasheet HTML 38Page - NXP Semiconductors SC16C852LIB Datasheet HTML 39Page - NXP Semiconductors SC16C852LIB Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
36 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
[1]
For 32-byte FIFO mode, refer to Section 7.3.
7.17 Flow Control Trigger Level High (FLWCNTH)
This 8-bit register is used to store the receive FIFO high threshold levels to start/stop
transmission during hardware/software flow control. Table 29 shows FLWCNTH register
bit settings; see Section 6.5.
[1]
For 32-byte FIFO mode, refer to Section 7.3.
7.18 Flow Control Trigger Level Low (FLWCNTL)
This 8-bit register is used to store the receive FIFO low threshold levels to start/stop
transmission during hardware/software flow control. Table 30 shows FLWCNTL register bit
settings; see Section 6.5.
[1]
For 32-byte FIFO mode, refer to Section 7.3.
7.19 Clock Prescaler (CLKPRES)
This register hold values for the clock prescaler.
Table 29.
FLWCNTH register bits description
Bit
Symbol
Description
7:0
FLWCNTH[7:0]
This register stores the programmable HIGH threshold level for
hardware and software flow control for 128-byte FIFO mode[1].
0x00 = trigger level is set to 1
0x01 = trigger level is set to 1
...
0x80 = trigger level is set to 128
Table 30.
FLWCNTL register bits description
Bit
Symbol
Description
7:0
FLWCNTL[7:0]
This register stores the programmable LOW threshold level for
hardware and software flow control for 128-byte FIFO mode[1].
0x00 = trigger level is set to 1
0x01 = trigger level is set to 1
...
0x80 = trigger level is set to 128
Table 31.
Clock Prescaler register bits description
Bit
Symbol
Description
7:4
CLKPRES[7:4]
reserved
3:0
CLKPRES[3:0]
Clock Prescaler value. Reset to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com