Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
15 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
each time the Receive Holding Register (RHR) is read. The actual time-out value is
4 character time, including data information length, start bit, parity bit, and the size of stop
bit, that is, 1
×, 1.5×, or 2× bit times.
6.9 Programmable baud rate generator
The SC16C852L UART contains a programmable rational baud rate generator that takes
any clock input and divides it by a divisor in the range between 1 and (216
− 1). The
SC16C852L offers the capability of dividing the input frequency by rational divisor. The
fractional part of the divisor is controlled by the CLKPRES register in the ‘first extra feature
register set’.
(1)
where:
N is the integer part of the divisor in DLL and DLM registers;
M is the fractional part of the divisor in CLKPRES register;
fXTAL1 is the clock frequency at XTAL1 pin.
Prescaler = 1 when MCR[7] is set to 0.
Prescaler = 4 when MCR[7] is set to 1.
A single baud rate generator is provided for the transmitter and receiver. The
programmable Baud Rate Generator is capable of operating with a frequency of up to
80 MHz. To obtain maximum data rate, it is necessary to use full rail swing on the clock
input. The SC16C852L can be configured for internal or external clock operation. For
internal clock operation, an industry standard crystal is connected externally between the
XTAL1 and XTAL2 pins (see Figure 6). Alternatively, an external clock can be connected
to the XTAL1 pin (see Figure 7) to clock the internal baud rate generator for standard or
custom rates (see Table 7).
The generator divides the input 16
× clock by any divisor from 1 to (216 − 1). The
SC16C852L divides the basic external clock by 16. The baud rate is configured via the
CLKPRES, DLL and DLM internal register functions. Customized baud rates can be
achieved by selecting the proper divisor values for the MSB and LSB sections of the baud
rate generator.
Fig 5.
Prescalers and baud rate generator block diagram
baud rate
f
XTAL1
MCR 7
[]
16
N
M
16
------
+


×
×
--------------------------------------------------------------------
=
002aac645
OSCILLATOR
XTAL1
XTAL2
DIVIDE-BY-1
DIVIDE-BY-4
CLKPRES
[3:0]
BAUD RATE
GENERATOR
(DLL, DLM)
transmitter and
receiver clock
MCR[7] = 0
MCR[7] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com