Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors SC16C852LIB Datasheet HTML 22Page - NXP Semiconductors SC16C852LIB Datasheet HTML 23Page - NXP Semiconductors SC16C852LIB Datasheet HTML 24Page - NXP Semiconductors SC16C852LIB Datasheet HTML 25Page - NXP Semiconductors SC16C852LIB Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 10.
SC16C852L internal registers
A2 A1 A0 Register
Default[1]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
General register set[2]
0
0
0
RHR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R
0
0
0
THR
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
W
0
0
1
IER
00
CTS
interrupt[3]
RTS
interrupt[3]
Xoff
interrupt[3]
Sleep
mode[3]
modem
status
interrupt
receive line
status
interrupt
transmit
holding
register
interrupt
receive
holding
register
interrupt
R/W
0
1
0
FCR
00
RCVR
trigger
(MSB)
RCVR
trigger
(LSB)
TX trigger
(MSB)[3]
TX trigger
(LSB)[3]
DMA mode
select
XMIT FIFO
reset
RCVR FIFO
reset
FIFOs
enable
W
0
1
0
ISR
01
FIFOs
enabled
FIFOs
enabled
INT priority
bit 4
INT priority
bit 3
INT priority
bit 2
INT priority
bit 1
INT priority
bit 0
INT status
R
0
1
1
LCR
00
divisor latch
enable
set break
set parity
even parity
parity
enable
stop bits
word length
bit 1
word length
bit 0
R/W
1
0
0
MCR
00
clock
select[3]
IRDA enable reserved
loopback
OP2/INT
enable
(OP1)
RTS
DTR
R/W
1
0
1
LSR
60
FIFO data
error
THR and
TSR empty
THR empty
break
interrupt
framing
error
parity error
overrun
error
receive data
ready
R
1
0
1
EFCR
00
reserved
reserved
reserved
reserved
reserved
Enable extra
feature bit 1
Enable extra
feature bit 0
Enable
TXLVLCNT/
RXLVLCNT
W
1
1
0
MSR
X0
CD
RI
DSR
CTS
∆CD
∆RI
∆DSR
∆CTS
R
1
1
1
SPR
FF
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
Special register set[4]
0
0
0
DLL
XX
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0
0
1
DLM
XX
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
R/W
Second special register Set[6]
0
1
1
TXLVLCNT
00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
1
0
0
RXLVLCNT
00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com