Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
10 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.
Functional description
The SC16C852L provides serial asynchronous receive data synchronization,
parallel-to-serial and serial-to-parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for converting the serial data stream into
parallel data that is required with digital data systems. Synchronization for the serial data
stream is accomplished by adding start and stop bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit
to the data character. The parity bit is checked by the receiver for any transmission bit
errors. The electronic circuitry to provide all these functions is fairly complex, especially
when manufactured on a single integrated silicon chip. The SC16C852L represents such
an integration with greatly enhanced features. The SC16C852L is fabricated with an
advanced CMOS process.
The SC16C852L is an upward solution to the SC16C652B that provides a dual UART
capability with 128 bytes of transmit and receive FIFO memory, instead of 32 bytes for the
16C652 and 16 bytes in the 16C2550. The SC16C852L is designed to work with high
speed modems and shared network environments that require fast data processing time.
Increased performance is realized in the SC16C852L by the transmit and receive FIFOs.
This allows the external processor to handle more networking tasks within a given time. In
addition, the four selectable receive and transmit FIFO trigger interrupt levels are provided
in 16C652 mode, or 128 programmable levels are provided in the extended mode for
maximum data throughput performance especially when operating in a multi-channel
environment (see Section 6.2 “Extended mode (128-byte FIFO)”). The FIFO memory
greatly reduces the bandwidth requirement of the external controlling CPU and increases
performance. A low power pin (LOWPWR) is provided to further reduce power
consumption by isolating the host bus interface.
The SC16C852L is capable of operation up to 5 Mbit/s with an external 80 MHz clock.
With a crystal, the SC16C852L is capable of operation up to 1.5 Mbit/s.
The rich feature set of the SC16C852L is available through internal registers. These
features are: selectable and programmable receive and transmit FIFO trigger levels,
selectable TX and RX baud rates, and modem interface controls, and are all standard
features. Following a power-on reset, an external reset, or a software reset, the
SC16C852L is software compatible with the previous generation, SC16C2550,
SC16C652B, and ST16C2450.
6.1 UART A-B functions
The UART provides the user with the capability to bidirectionally transfer information
between an external CPU, the SC16C852L package, and an external serial device. A
logic 0 (LOW) on chip select pins CSA and/or CSB allows the user to configure, send
data, and/or receive data via UART channels A, B. Individual channel select functions are
shown in Table 3 and Table 4.
Table 3.
Serial port selection (Intel interface)
H = HIGH; L = LOW.
Chip Select
Function
CSA = H, CSB = H
none
CSA = L
UART channel A
CSB = L
UART channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com