Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C852LIB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C852LIB
Description  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C852LIB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 4Page - NXP Semiconductors SC16C852LIB Datasheet HTML 5Page - NXP Semiconductors SC16C852LIB Datasheet HTML 6Page - NXP Semiconductors SC16C852LIB Datasheet HTML 7Page - NXP Semiconductors SC16C852LIB Datasheet HTML 8Page - NXP Semiconductors SC16C852LIB Datasheet HTML 9Page - NXP Semiconductors SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
SC16C852L_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 January 2007
8 of 60
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
INTB
(n.c.)
29
21
O
When 16/68 pin is at logic 1 or unconnected, this output becomes channel B
interrupt output. The output state is defined by the user through the software
setting of MCR[3]. INTB is set to the active mode and OP2B output to a logic 0
when MCR[3] is set to a logic 1. INTB is set to the 3-state mode and OP2B is
set to a logic 1 when MCR[3] is set to a logic 0.
When 16/68 pin is at logic 0, this output is not used.
IOR
(VDD)
19
14
I
When 16/68 pin is at logic 1, this input becomes the read strobe (active LOW).
When 16/68 pin is at logic 0, this input pin is not used and should be connected
to VDD.
IOW
(R/W)
15
12
I
When 16/68 pin is at logic 1 or unconnected, this input becomes the write
strobe (active LOW).
When 16/68 pin is at logic 0, this input becomes read strobe when it is at logic
HIGH, and write strobe when it is at logic LOW.
OP2A
32
-
O
Output 2 (user-defined). This function is associated with individual channels,
A through B. The state at these pin(s) are defined by the user and through MCR
register bit 3. INTA, INTB are set to the active mode and OP2 to logic 0 when
MCR[3] is set to a logic 1. INTA, INTB are set to the 3-state mode and OP2 to a
logic 1 when MCR[3] is set to a logic 0 (see Table 21 “Modem Control Register
bits description”, bit 3). Since these bits control both the INTA, INTB operation
and OP2 outputs, only one function should be used at one time, INT or OP2.
OP2B
9
-
O
RESET
(RESET)
36
24
I
Master Reset. When 16/68 pin is at logic 1 or unconnected, this input becomes
the RESET pin (active HIGH).
When 16/68 pin is at logic LOW, this input pin becomes RESET (active LOW).
(See Section 7.23 “SC16C852L external reset condition and Software Reset”
for initialization details.)
RIA
41
-
I
Ring Indicator (active LOW). These inputs are associated with individual
UART channels, A through B. A logic 0 on this pin indicates the modem has
received a ringing signal from the telephone line. A logic 1 transition on this
input pin will generate an interrupt if modem status interrupt is enabled.
RIB
21
-
I
RTSA
33
23
O
Request to Send (active LOW). These outputs are associated with individual
UART channels, A through B. A logic 0 on the RTSx pin indicates the
transmitter has data ready and waiting to send. Writing a logic 1 in the modem
control register MCR[1] will set this pin to a logic 0, indicating data is available.
After a reset this pin will be set to a logic 1.
RTSB
22
15
O
RXA
5
4
I
Receive data A, B. These inputs are associated with individual serial channel
data to the SC16C852L receive input circuits, A through B. The RX signal will
be a logic 1 during reset, idle (no data), or when not receiving data. During the
local loopback mode, the RXA/RXB input pin is disabled and TX data is
connected to the UART RX input, internally.
RXB
4
3
I
RXRDYA31
-
O
Receive Ready A, B (active LOW). This function provides the RX FIFO/RHR
status for individual receive channels (A to B). RXRDY is primarily intended for
monitoring DMA mode 1 transfers for the receive data FIFOs. A logic 0
indicates there is a receive data to read/upload, that is, receive ready status
with one or more RX characters available in the FIFO/RHR. This pin is a logic 1
when the FIFO/RHR is empty or when the programmed trigger level has not
been reached. This signal can also be used for single mode transfers (DMA
mode 0).
RXRDYB
18
-
O
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
LQFP48
HVQFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com