Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 113Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 114Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 115Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 116Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 117Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 118Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 119Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 120Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 202 page
background image
Page 107
TMP86CS64AFG
10.3 Function
TimerCounter 3 has three types of operating modes: timer, event counter and capture modes.
10.3.1 Timer mode
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter
and the timer register 3A (TC3DRA) value is detected, an INTTC3 interrupt is generated and the up-counter is
cleared. After being cleared, the up-counter restarts counting. Setting TC3CR<ACAP> to 1 captures the up-
counter value into the timer register B (TC3DRB) with the auto-capture function. The count value during timer
operation can be checked by executing the read instruction to TC3DRB.
Note:00H which is stored in the up-counter immediately after detection of a match is not captured into TC3DRB.
(Figure 10-2)
Figure 10-2 Auto-Capture Function
Table 10-1 Source Clock for TimerCounter 3 (Example: fc = 16 MHz, fs
= 32.768 kHz)
TC3CK
NORMAL1/2, IDLE1/2 mode
SLOW1/2, SLEEP1/2
mode
DV7CK
= 0DV7CK = 1
DV1CK
= 0DV1CK = 1DV1CK = 0DV1CK = 1
Reso-
lution
[
µs]
Maximum
Time Setting
[ms]
Reso-
lution
[
µs]
Maximum
Time Setting
[ms]
Reso-
lution
[
µs]
Maximum
Time Setting
[ms]
Reso-
lution
[
µs]
Maximum
Time Setting
[ms]
Reso-
lution
[
µs]
Resolution
[ms]
000
512
130.6
1024
261.1
976.56
249.0
976.56
249.0
976.56
249.0
001
256
65.3
512
130.6
488.28
124.5
488.28
124.5
488.28
124.5
010
128
32.6
256
65.3
244.14
62.3
244.14
62.3
244.14
62.3
011
64
16.3
128
32.6
122.07
31.1
122.07
31.1
122.07
31.1
100
32
8.2
64
16.3
61.01
15.6
61.01
15.6
61.01
15.6
101
16
4.1
32
8.2
16.0
4.1
32.0
8.2
–
–
110
8
2.0
16
4.1
8.0
2.0
16.0
4.1
–
–
TC3DRB
Note: In the case that TC3DRB is C8H
Clock
Up-counter
Match detect
C7
C8
TC3DRA
C8
00
01
C7
C8
C6
C6
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com